Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5504 Datasheet(PDF) 4 Page - Texas Instruments

Part # TMS320VC5504
Description  Fixed-Point Digital Signal Processor
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5504 Datasheet(HTML) 4 Page - Texas Instruments

  TMS320VC5504 Datasheet HTML 1Page - Texas Instruments TMS320VC5504 Datasheet HTML 2Page - Texas Instruments TMS320VC5504 Datasheet HTML 3Page - Texas Instruments TMS320VC5504 Datasheet HTML 4Page - Texas Instruments TMS320VC5504 Datasheet HTML 5Page - Texas Instruments TMS320VC5504 Datasheet HTML 6Page - Texas Instruments TMS320VC5504 Datasheet HTML 7Page - Texas Instruments TMS320VC5504 Datasheet HTML 8Page - Texas Instruments TMS320VC5504 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 128 page
background image
Contents
TMS320VC5504
Fixed-Point Digital Signal Processor
SPRS609A – JUNE 2009 – REVISED JULY 2009
www.ti.com
1
Fixed-Point Digital Signal Processor
................ 1
Temperature (Unless Otherwise Noted)
............ 60
1.1
TMS320VC5504 Features
............................ 1
6
Peripheral Information and Electrical
Specifications
........................................... 62
1.2
Description
............................................ 2
6.1
Parameter Information
.............................. 62
1.3
Functional Block Diagram
............................ 3
6.2
Recommended Clock and Control Signal Transition
2
Revision History
......................................... 5
Behavior
............................................. 62
3
Device Overview
........................................ 11
6.3
Power Supplies
...................................... 63
3.1
Device Characteristics
.............................. 11
6.4
External Clock Input From RTC_XI, CLKIN, and
3.2
C55x CPU
........................................... 12
USB_MXI Pins
...................................... 64
3.3
Memory Map Summary
............................. 17
6.5
Clock PLLs
.......................................... 68
3.4
Pin Assignments
.................................... 18
6.6
Direct Memory Access (DMA) Controller
............ 71
3.5
Terminal Functions
.................................. 20
6.7
Reset
................................................ 72
3.6
Device Support
...................................... 39
6.8
Wake-up Events, Interrupts, and XF
................ 76
3.7
Documentation Support
............................. 41
6.9
External Memory Interface (EMIF)
.................. 77
4
Device Configuration
.................................. 43
6.10
Multimedia Card/Secure Digital (MMC/SD)
......... 88
4.1
System Registers
.................................... 43
6.11
Real-Time Clock (RTC)
............................. 93
4.2
Power Considerations
............................... 44
6.12
Inter-Integrated Circuit (I2C)
........................ 95
4.3
Clock Considerations
................................ 44
6.13
Universal Asynchronous Receiver/Transmitter
(UART)
.............................................. 99
4.4
Boot Sequence
...................................... 46
6.14
Inter-IC Sound (I2S)
............................... 101
4.5
Configurations at Reset
............................. 49
6.15
Serial Port Interface (SPI)
.......................... 107
4.6
Configurations After Reset
.......................... 49
6.16
Universal Serial Bus (USB) 2.0 Controller
......... 110
4.7
Multiplexed Pin Configurations
...................... 53
6.17
General-Purpose Timers
........................... 117
4.8
Debugging Considerations
.......................... 56
6.18
General-Purpose Input/Output
..................... 119
5
Device Operating Conditions
........................ 58
5.1
Absolute Maximum Ratings Over Operating Case
6.19
IEEE 1149.1 JTAG
................................. 123
Temperature Range (Unless Otherwise Noted)
..... 58
7
Mechanical Packaging and Orderable
5.2
Recommended Operating Conditions
............... 59
Information
............................................. 125
5.3
Electrical Characteristics Over Recommended
7.1
Thermal Data for ZCH
............................. 125
Ranges of Supply Voltage and Operating
7.1.1
Packaging Information
............................. 125
Contents
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com