Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5504 Datasheet(PDF) 65 Page - Texas Instruments

Part # TMS320VC5504
Description  Fixed-Point Digital Signal Processor
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5504 Datasheet(HTML) 65 Page - Texas Instruments

Back Button TMS320VC5504 Datasheet HTML 61Page - Texas Instruments TMS320VC5504 Datasheet HTML 62Page - Texas Instruments TMS320VC5504 Datasheet HTML 63Page - Texas Instruments TMS320VC5504 Datasheet HTML 64Page - Texas Instruments TMS320VC5504 Datasheet HTML 65Page - Texas Instruments TMS320VC5504 Datasheet HTML 66Page - Texas Instruments TMS320VC5504 Datasheet HTML 67Page - Texas Instruments TMS320VC5504 Datasheet HTML 68Page - Texas Instruments TMS320VC5504 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 128 page
background image
RTC_XI
RTC_XO
C1
C2
Crystal
32.768kHz
VSSRTC
CVDDRTC
0.998-1.43V
1.05/1.3V
CVDD
VSS
(
)
C C
1 2
CL
C
C
1
2
=
+
6.4.2
CLKIN Pin With LVCMOS-Compatible Clock Input (Optional)
TMS320VC5504
Fixed-Point Digital Signal Processor
www.ti.com
SPRS609A – JUNE 2009 – REVISED JULY 2009
Figure 6-3. 32.768-kHz RTC Oscillator
The crystal should be in fundamental-mode function, and parallel resonant, with a maximum effective
series resistance (ESR) specified in Table 6-1. The load capacitors, C1 and C2, are the total capacitance
of the circuit board and components, excluding the IC and crystal. The load capacitors values are usually
approximately twice the value of the crystal's load capacitance, CL, which is specified in the crystal
manufacturer's datasheet and should be chosen such that the equation is satisfied. All discrete
components used to implement the oscillator circuit should be placed as close as possible to the
associated oscillator pins (RTC_XI and RTC_XO) and to the VSSRTC pin.
Table 6-1. Input Requirements for Crystal on the 32.768-kHz RTC Oscillator
PARAMETER
MIN
NOM
MAX
UNIT
Start-up time (from power up until oscillating at stable frequency of
0.2
2
sec
32.768-kHz)(1)
Oscillation frequency
32.768
kHz
ESR
100
k
Ω
Maximum shunt capacitance
1.6
pF
Maximum crystal drive
1.0
µW
(1)
The startup time is highly dependent on the ESR and the capacitive load of the crystal.
Note: If CLKIN is not used, the pin must be tied low.
A LVCMOS-compatible clock input of a frequency less than 24 MHz can be fed into the CLKIN pin for use
by the DSP system clock generator. The external connections are shown in Figure 6-4 and Figure 6-5.
The bootloader assumes that the CLKIN pin is connected to the LVCMOS-compatible clock source with a
frequency of 11.2896-, 12.0-, or 12.288-MHz. These frequencies were selected to support boot mode
peripheral speeds of 500 KHz for SPI, 400 KHz for I2C, and 57600 baud for UART (UART is currently not
supported on this device). These clock frequencies are achieved by dividing the CLKIN value by 25 for
SPI, by 32 for I2C, and by 208 for UART. If a faster external clock is input, then these boot modes will run
at faster clock speeds. If the system design utilizes faster peripherals or these boot modes are not used,
CLKIN values higher than 12.288 MHz can be used. Note: the CLKIN pin operates at the same voltage as
the DVDDIO supply (1.8-, 2.5-, 2.8-, or 3.3-V).
Submit Documentation Feedback
Peripheral Information and Electrical Specifications
65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com