Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5504 Datasheet(PDF) 23 Page - Texas Instruments

Part # TMS320VC5504
Description  Fixed-Point Digital Signal Processor
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5504 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TMS320VC5504 Datasheet HTML 19Page - Texas Instruments TMS320VC5504 Datasheet HTML 20Page - Texas Instruments TMS320VC5504 Datasheet HTML 21Page - Texas Instruments TMS320VC5504 Datasheet HTML 22Page - Texas Instruments TMS320VC5504 Datasheet HTML 23Page - Texas Instruments TMS320VC5504 Datasheet HTML 24Page - Texas Instruments TMS320VC5504 Datasheet HTML 25Page - Texas Instruments TMS320VC5504 Datasheet HTML 26Page - Texas Instruments TMS320VC5504 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 128 page
background image
TMS320VC5504
Fixed-Point Digital Signal Processor
www.ti.com
SPRS609A – JUNE 2009 – REVISED JULY 2009
Table 3-7. RESET, Interrupts, and JTAG Terminal Functions
SIGNAL
TYPE(1)
OTHER(2)(3)
DESCRIPTION
NAME
NO.
RESET
External Flag Output. XF is used for signaling other processors in
multiprocessor configurations or XF can be used as a fast
general-purpose output pin.
–
XF is set high by the BSET XF instruction and XF is set low by the
XF
M8
O/Z
DVDDIO
BCLR XF instruction or by writing to bit 13 of the ST1_55 register. At
reset, the XF pin will be high. For more information on the ST1_55
register, see the TMS320C55x 3.0 CPU Reference Guide (literature
number: SWPU073).
Device reset. RESET causes the DSP to terminate execution and loads
the program counter with the contents of the reset vector. When
RESET is brought to a high level, the reset vector in ROM at FFFF00h
IPU
forces the program execution to branch to the location of the on-chip
RESET
D6
I
DVDDIO
ROM bootloader.
RESET affects the various registers and status bits.
The IPU resistor on this pin can be enabled or disabled via the
PDINHIBR2 register but will be forced ON when RESET is asserted.
JTAG
[For more detailed information on emulation header design guidelines, see the XDS560 Emulator Technical Reference (literature number:
SPRU589).]
IEEE standard 1149.1 test mode select. This serial control input is
clocked into the TAP controller on the rising edge of TCK.
If the emulation header is located greater than 6 inches from the
device, TMS must be buffered. In this case, the input buffer for TMS
needs pullup resistors connected to DVDDIO to hold these signals at a
IPU
TMS
L8
I
known value when the emulator is not connected. A resistor value of
DVDDIO
4.7 k
Ω or greater is suggested. For board design guidelines related to
the emulation header, see the XDS560 Emulator Technical Reference
(literature number: SPRU589).
The IPU resistor on this pin can be enabled or disabled via the
PDINHIBR2 register.
IEEE standard 1149.1 test data output. The contents of the selected
register (instruction or data) are shifted out of TDO on the falling edge
of TCK. TDO is in the high-impedance (Hi-Z) state except when the
–
scanning of data is in progress.
TDO
M7
O/Z
DVDDIO
For board design guidelines related to the emulation header, see the
XDS560 Emulator Technical Reference (literature number: SPRU589).
If the emulation header is located greater than 6 inches from the
device, TDO must be buffered.
IEEE standard 1149.1 test data input. TDI is clocked into the selected
register (instruction or data) on a rising edge of TCK.
If the emulation header is located greater than 6 inches from the
device, TDI must be buffered. In this case, the input buffer for TDI need
IPU
TDI
L7
I
pull-up resistors connected to DVDDIO to hold these signals at a known
DVDDIO
value when the emulator is not connected. A resistor value of 4.7 k
Ω or
greater is suggested.
The IPU resistor on this pin can be enabled or disabled via the
PDINHIBR2 register.
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal
(2)
IPD = Internal pulldown, IPU = Internal pullup. For more detailed information on pullup/pulldown resistors and situations where external
pullup/pulldown resistors are required, see Section 4.8.1, Pullup/Pulldown Resistors.
(3)
Specifies the operating I/O supply voltage for each signal
Submit Documentation Feedback
Device Overview
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com