Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5504 Datasheet(PDF) 69 Page - Texas Instruments

Part # TMS320VC5504
Description  Fixed-Point Digital Signal Processor
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5504 Datasheet(HTML) 69 Page - Texas Instruments

Back Button TMS320VC5504 Datasheet HTML 65Page - Texas Instruments TMS320VC5504 Datasheet HTML 66Page - Texas Instruments TMS320VC5504 Datasheet HTML 67Page - Texas Instruments TMS320VC5504 Datasheet HTML 68Page - Texas Instruments TMS320VC5504 Datasheet HTML 69Page - Texas Instruments TMS320VC5504 Datasheet HTML 70Page - Texas Instruments TMS320VC5504 Datasheet HTML 71Page - Texas Instruments TMS320VC5504 Datasheet HTML 72Page - Texas Instruments TMS320VC5504 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 128 page
background image
6.5.3
Clock PLL Electrical Data/Timing (Input and Output Clocks)
CLKIN
2
3
4
4
1
1
TMS320VC5504
Fixed-Point Digital Signal Processor
www.ti.com
SPRS609A – JUNE 2009 – REVISED JULY 2009
Table 6-3. Timing Requirements for CLKIN(1)(2)(3) (see Figure 6-7)
CVDD = 1.05 V
CVDD = 1.3 V
NO.
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
88.577,
88.577,
Cycle time, external
83.333,
83.333,
1
tc(CLKIN)
clock driven on
16.67
10
ns
or
or
CLKIN
81.380
81.380
Pulse width, CLKIN
2
tw(CLKINH)
0.466 * tc(CLKIN)
0.466 * tc(CLKIN)
ns
high
Pulse width, CLKIN
3
tw(CLKINL)
0.466 * tc(CLKIN)
0.466 * tc(CLKIN)
ns
low
Transition time,
4
tt(CLKIN)
0.34 * tc(CLKIN)
0.34 * tc(CLKIN)
ns
CLKIN
(1)
The CLKIN frequency and PLL multiply factor should be chosen such that the resulting clock frequency is within the specific range for
CPU operating frequency.
(2)
The reference points for the rise and fall transitions are measured at VIL MAX and VIH MIN.
(3)
For more details on the PLL multiplier factors, see the TMS320VC5505 DSP System User's Guide (Literature Number SPRUFP0).
Figure 6-7. CLKIN Timing
Submit Documentation Feedback
Peripheral Information and Electrical Specifications
69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com