Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5504 Datasheet(PDF) 64 Page - Texas Instruments

Part # TMS320VC5504
Description  Fixed-Point Digital Signal Processor
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5504 Datasheet(HTML) 64 Page - Texas Instruments

Back Button TMS320VC5504 Datasheet HTML 60Page - Texas Instruments TMS320VC5504 Datasheet HTML 61Page - Texas Instruments TMS320VC5504 Datasheet HTML 62Page - Texas Instruments TMS320VC5504 Datasheet HTML 63Page - Texas Instruments TMS320VC5504 Datasheet HTML 64Page - Texas Instruments TMS320VC5504 Datasheet HTML 65Page - Texas Instruments TMS320VC5504 Datasheet HTML 66Page - Texas Instruments TMS320VC5504 Datasheet HTML 67Page - Texas Instruments TMS320VC5504 Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 128 page
background image
6.3.4
LDO Input Decoupling
6.3.5
LDO Output Decoupling
6.4 External Clock Input From RTC_XI, CLKIN, and USB_MXI Pins
6.4.1
Real-Time Clock (RTC) On-Chip Oscillator With External Crystal
TMS320VC5504
Fixed-Point Digital Signal Processor
SPRS609A – JUNE 2009 – REVISED JULY 2009
www.ti.com
As with the selection of any component, verification of capacitor availability over the product's production
lifetime should be considered.
On the VC5504 the recommended decoupling capacitance for the DSP core supplies should be 1
µF in
parallel with 0.01-
µF capacitor per supply pin.
The LDO inputs should follow the same decoupling guidelines as other power-supply pins above.
The LDO circuits implement a voltage feedback control system which has been designed to optimize gain
and stability tradeoffs. As such, there are design assumptions for the amount of capacitance on the LDO
outputs. For proper device operation, the following external decoupling capacitors should be used:
• ANA_LDOO– 1µF
• DSP_LDOO – 1µF
• USB_LDOO – none required
The VC5504 DSP includes two options to provide an external clock input to the system clock generator:
• Use the on-chip real-time clock (RTC) oscillator with an external 32.768-kHz crystal connected to the
RTC_XI and RTC_XO pins.
• Use an external 11.2896-, 12.0-, or 12.288-MHz LVCMOS clock input fed into the CLKIN pin that
operates at the same voltage as the DVDDIO supply (1.8-, 2.5-, 2.8-, or 3.3-V).
The CLK_SEL pin determines which input is used as the clock source for the system clock generator, For
more details, see Section 4.5.1, Device and Peripheral Configurations at Device Reset. The crystal for the
RTC oscillator is not required if CLKIN is used as the system reference clock; however, the RTC must still
be powered. The RTC registers starting at I/O address 1900h will not be accessible without an RTC clock.
This includes the RTC Power Management Register which provides control to the on-chip LDOs and
WAKEUP and RTC_CLKOUT pins. Section 6.4.1, Real-Time Clock (RTC) On-Chip Oscillator With
External Crystal provides more details on using the RTC on-chip oscillator with an external crystal.
Section 6.4.2, CLKIN Pin With LVCMOS-Compatible Clock Input provides details on using an external
LVCMOS-compatible clock input fed into the CLKIN pin.
Additionally, the USB requires a reference clock generated using a dedicated on-chip oscillator with a
12-MHz external crystal connected to the USB_MXI and USB_MXO pins. The USB reference clock is not
required if the USB peripheral is not being used. Section 6.4.3, USB On-Chip Oscillator With External
Crystal provides details on using the USB on-chip oscillator with an external crystal.
The on-chip oscillator requires an external 32.768-kHz crystal connected across the RTC_XI and RTC_XO
pins, along with two load capacitors, as shown in Figure 6-3. The external crystal load capacitors must be
connected only to the RTC oscillator ground pin (VSSRTC). Do not connect to board ground (VSS). Position
the VSS lead on the board between RTC_XI and RTC_XO as a shield to reduce direct capacitance
between RTC_XI and RTC_XO leads on the board. The CVDDRTC pin can be connected to the same
power supply as CVDD , or may be connected to a different supply that meets the recommended operating
conditions (see Section 5.2), if desired.
64
Peripheral Information and Electrical Specifications
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com