Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5504 Datasheet(PDF) 9 Page - Texas Instruments

Part # TMS320VC5504
Description  Fixed-Point Digital Signal Processor
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5504 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMS320VC5504 Datasheet HTML 5Page - Texas Instruments TMS320VC5504 Datasheet HTML 6Page - Texas Instruments TMS320VC5504 Datasheet HTML 7Page - Texas Instruments TMS320VC5504 Datasheet HTML 8Page - Texas Instruments TMS320VC5504 Datasheet HTML 9Page - Texas Instruments TMS320VC5504 Datasheet HTML 10Page - Texas Instruments TMS320VC5504 Datasheet HTML 11Page - Texas Instruments TMS320VC5504 Datasheet HTML 12Page - Texas Instruments TMS320VC5504 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 128 page
background image
TMS320VC5504
Fixed-Point Digital Signal Processor
www.ti.com
SPRS609A – JUNE 2009 – REVISED JULY 2009
SEE
ADDITIONS/MODIFICATIONS/DELETIONS
Section 6.12.2
Table 6-21, Timing Requirements for I2C Timings:
I2C Electrical Data/Timing
•
Updated/Changed "The I2C pins SDA and SCL do not ..." footnote
•
Added associated footnote for rise and fall time parameters
Table 6-22, Switching Characteristics for I2C Timings:
•
Added associated footnote for rise and fall time parameters
Section 6.13
•
Updated/Changed the lead-in paragraph
Universal Asynchronous
Receiver/Transmitter
(UART)
Section 6.13.2
Table 6-25, Switching Characteristics Over Recommended Operating Conditions for UART Transmit:
UART Electrical
•
Updated/Changed PARAMETER NO. 1, f(baud) parameter description
Data/Timing
[Receive/Transmit]
Section 6.14
•
Updated/Changed the lead-in sentence in the second paragraph
Inter-IC Sound (I2S)
Section 6.14.2
Table 6-30, Timing Requirements for I2S:
I2S Electrical Data/Timing
•
Added "[I/O = 3.3 V, 2.8 V, and 2.5 V]" to the table title
Table 6-31, Timing Requirements for I2S [I/O = 1.8 V]:
•
Added as a new table
Table 6-32, Switching Characteristics Over Recommended Operating Conditions for I2S Output:
•
Added "[I/O = 3.3 V, 2.8 V, and 2.5 V]" to the table title
•
Updated/Changed PARAMETER NO. 4, tdmax(CLKL-DXV) MAX value for MASTER CVDD = 1.05 V from "19"
to "15" ns
•
Updated/Changed PARAMETER NO. 4, tdmax(CLKL-DXV) MAX value for MASTER CVDD = 1.3 V from "15"
to "14" ns
•
Updated/Changed PARAMETER NO. 4, tdmax(CLKH-DXV) MAX value for MASTER CVDD = 1.05 V from
"19" to "15" ns
•
Updated/Changed PARAMETER NO. 4, tdmax(CLKH-DXV) MAX value for MASTER CVDD = 1.3 V from "15"
to "14" ns
•
Updated/Changed PARAMETER NO. 4, tdmax(CLKL-DXV) MAX value for SLAVE CVDD = 1.05 V from "–" to
"12" ns
•
Updated/Changed PARAMETER NO. 4, tdmax(CLKL-DXV) MAX value for SLAVE CVDD = 1.3 V from "–" to
"12" ns
•
Updated/Changed PARAMETER NO. 4, tdmax(CLKH-DXV) MAX value for SLAVE CVDD = 1.05 V from "–" to
"12" ns
•
Updated/Changed PARAMETER NO. 4, tdmax(CLKH-DXV) MAX value for SLAVE CVDD = 1.3 V from "–" to
"12" ns
•
Updated/Changed PARAMETER NO. 5, toh(DXV-CLKH) MIN value for SLAVE CVDD = 1.05 V from "–" to "0"
ns
•
Updated/Changed PARAMETER NO. 5, toh(DXV-CLKH) MIN value for SLAVE CVDD = 1.3 V from "–" to "0"
ns
•
Updated/Changed PARAMETER NO. 5, toh(DXV-CLKL) MIN value for SLAVE CVDD = 1.05 V from "–" to "0"
ns
•
Updated/Changed PARAMETER NO. 5, toh(DXV-CLKL) MIN value for SLAVE CVDD = 1.3 V from "–" to "0"
ns
Table 6-33, Switching Characteristics Over Recommended Operating Conditions for I2S Output [I/O = 1.8 V]:
•
Added as a new table
Section 6.16
•
Updated/Changed the "USB 2.0 ..." bullet
Universal Serial Bus (USB)
•
Added a new paragraph and bullets
2.0 Controller
Section 6.16.2
Table 6-38, Switching Characteristics Over Recommended Operating Conditions for USB2.0:
USB2.0 Electrical
•
Deleted the MAX values from PARAMETER NO. 1 and 2 for HIGH SPEED only
Data/Timing
•
Added two footnotes and associated references
Section 6.18
•
Added new "All GPIO pin have ..." bullet
General-Purpose
•
Updated/Changed the "All GPIOs can be ..." bullet
Input/Output
Submit Documentation Feedback
Revision History
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com