| Electronic Components Datasheet Search |
|
TMS320VC5504 Datasheet(PDF) 71 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320VC5504 Datasheet(HTML) 71 Page - Texas Instruments |
|
71 / 128 page ![]() 6.6 Direct Memory Access (DMA) Controller 6.6.1 DMA Channel Synchronization Events TMS320VC5504 Fixed-Point Digital Signal Processor www.ti.com SPRS609A – JUNE 2009 – REVISED JULY 2009 The DMA controller is used to move data among internal memory, external memory, and peripherals without intervention from the CPU and in the background of CPU operation. The DSP includes a total of four DMA controllers. Aside from the DSP resources they can access, all four DMA controllers are identical. The DMA controller has the following features: • Operation that is independent of the CPU. • Four channels, which allow the DMA controller to keep track of the context of four independent block transfers. • Event synchronization. DMA transfers in each channel can be made dependent on the occurrence of selected events. • An interrupt for each channel. Each channel can send an interrupt to the CPU on completion of the programmed transfer. • A dedicated clock idle domain. The four device DMA controllers can be put into a low-power state by independently turning off their input clocks. For more details on the DMA controller, see the TMS320VC5505 DSP Direct Memory Access (DMA) Controller User’s Guide (literature number SPRUFO9). The DMA controllers allow activity in their channels to be synchronized to selected events. The DSP supports 20 separate synchronization events and each channel can be tied to separate sync events independent of the other channels. Synchronization events are selected by programming the CHnEVT field in the DMAn channel event source registers (DMAnCESR1 and DMAnCESR2). The synchronization events available to each DMA controller are shown in the TMS320VC5505 DSP System User's Guide (literature number SPRUFP0). Submit Documentation Feedback Peripheral Information and Electrical Specifications 71 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |