Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5504 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMS320VC5504
Description  Fixed-Point Digital Signal Processor
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5504 Datasheet(HTML) 1 Page - Texas Instruments

  TMS320VC5504 Datasheet HTML 1Page - Texas Instruments TMS320VC5504 Datasheet HTML 2Page - Texas Instruments TMS320VC5504 Datasheet HTML 3Page - Texas Instruments TMS320VC5504 Datasheet HTML 4Page - Texas Instruments TMS320VC5504 Datasheet HTML 5Page - Texas Instruments TMS320VC5504 Datasheet HTML 6Page - Texas Instruments TMS320VC5504 Datasheet HTML 7Page - Texas Instruments TMS320VC5504 Datasheet HTML 8Page - Texas Instruments TMS320VC5504 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 128 page
background image
1
Fixed-Point Digital Signal Processor
1.1 TMS320VC5504 Features
TMS320VC5504
Fixed-Point Digital Signal Processor
www.ti.com
SPRS609A – JUNE 2009 – REVISED JULY 2009
• Master/Slave Inter-Integrated Circuit (I2C
• High-Performance, Low-Power, TMS320C55x™
Bus™)
Fixed-Point Digital Signal Processor
–
16.67-, 10-ns Instruction Cycle Time
• Four Inter-IC Sound (I2S Bus™) for Data
Transport
–
60-, 100-MHz Clock Rate
–
One/Two Instruction(s) Executed per Cycle
• Device USB Port With Integrated 2.0
High-Speed PHY that Supports:
–
Dual Multipliers [Up to 200 Million
Multiply-Accumulates per Second
–
USB 2.0 Full- and High-Speed Device
(MMACS)]
• Real-Time Clock (RTC) With Crystal Input, With
–
Two Arithmetic/Logic Units (ALUs)
Separate Clock Domain, Separate Power
–
Three Internal Data/Operand Read Buses
Supply
and Two Internal Data/Operand Write Buses
• Four Core Isolated Power Supply Domains:
–
Fully Software-Compatible With C55x
Analog, RTC, CPU and Peripherals, and USB
Devices
• Four I/O Isolated Power Supply Domains: RTC
–
Industrial Temperature Devices Available
I/O, EMIF I/O, USB PHY, and DVDDIO
• 256K Bytes Zero-Wait State On-Chip RAM,
• Low-Power S/W Programmable Phase-Locked
Composed of:
Loop (PLL) Clock Generator
–
64K Bytes of Dual-Access RAM (DARAM),
• On-Chip ROM Bootloader (RBL) to Boot From
8 Blocks of 4K x 16-Bit
NAND Flash, NOR Flash, SPI EEPROM, or I2C
–
192K Bytes of Single-Access RAM
EEPROM
(SARAM), 24 Blocks of 4K x 16-Bit
• IEEE-1149.1 (JTAG™)
• 128K Bytes of Zero Wait-State On-Chip ROM
Boundary-Scan-Compatible
(4 Blocks of 16K x 16-Bit)
• Up to 26 General-Purpose I/O (GPIO) Pins
• 16-/8-Bit External Memory Interface (EMIF) with
(Multiplexed With Other Device Functions)
Glueless Interface to:
–
8-/16-Bit NAND Flash, 1- and 4-Bit ECC
• 196-Terminal Pb-Free Plastic BGA (Ball Grid
Array) (ZCH Suffix)
–
8-/16-Bit NOR Flash
–
Asynchronous Static RAM (SRAM)
• 1.05-V Core (60 MHz), 1.8-V, 2.5-V, 2.8-V, or
3.3-V I/Os
• Direct Memory Access (DMA) Controller
–
Four DMA With 4 Channels Each
• 1.3-V Core (100 MHz), 1.8-V, 2.5-V, 2.8-V, or
(16-Channels Total)
3.3-V I/Os
• Three 32-Bit General-Purpose Timers
• Applications:
–
One Selectable as a Watchdog and/or GP
–
Wireless Audio Devices (e.g., Headsets,
Microphones, Speakerphones, etc.)
• Two MultiMedia Card/Secure Digital (MMC/SD)
–
Echo Cancellation Headphones
Interfaces
–
Portable Medical Devices
• Universal Asynchronous Receiver/Transmitter
–
Voice Applications
(UART)
–
Industrial Controls
• Serial-Port Interface (SPI) With Four
–
Fingerprint Biometrics
Chip-Selects
–
Software Defined Radio
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this document.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TMS320VC5504

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320VC5504 TI1-TMS320VC5504 Datasheet
742Kb / 123P
Fixed-Point Digital Signal Processor
TMS320VC5504ZCH TI1-TMS320VC5504ZCH Datasheet
742Kb / 123P
Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
Fixed-Point Digital Signal Processor
More results

Similar Description - TMS320VC5504

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320LC549 TI-TMS320LC549 Datasheet
791Kb / 61P
FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320VC5410 TI-TMS320VC5410 Datasheet
1Mb / 79P
FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320VC5420 TI-TMS320VC5420 Datasheet
1Mb / 77P
FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320VC549 TI-TMS320VC549 Datasheet
787Kb / 60P
FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320VC5470 TI-TMS320VC5470 Datasheet
760Kb / 93P
Fixed-Point Digital Signal Processor
SMJ320VC5416 TI-SMJ320VC5416 Datasheet
1Mb / 92P
Fixed-Point Digital Signal Processor
TMS320VC549 TI-TMS320VC549_06 Datasheet
863Kb / 63P
FIXED-POINT DIGITAL SIGNAL PROCESSOR
SMJ320LC549 TI-SMJ320LC549 Datasheet
888Kb / 52P
FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320VC5506 TI-TMS320VC5506 Datasheet
1Mb / 120P
Fixed-Point Digital Signal Processor
TMS320LC549PGE-80 TI1-TMS320LC549PGE-80 Datasheet
818Kb / 63P
FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com