Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5504 Datasheet(PDF) 8 Page - Texas Instruments

Part # TMS320VC5504
Description  Fixed-Point Digital Signal Processor
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5504 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMS320VC5504 Datasheet HTML 4Page - Texas Instruments TMS320VC5504 Datasheet HTML 5Page - Texas Instruments TMS320VC5504 Datasheet HTML 6Page - Texas Instruments TMS320VC5504 Datasheet HTML 7Page - Texas Instruments TMS320VC5504 Datasheet HTML 8Page - Texas Instruments TMS320VC5504 Datasheet HTML 9Page - Texas Instruments TMS320VC5504 Datasheet HTML 10Page - Texas Instruments TMS320VC5504 Datasheet HTML 11Page - Texas Instruments TMS320VC5504 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 128 page
background image
TMS320VC5504
Fixed-Point Digital Signal Processor
SPRS609A – JUNE 2009 – REVISED JULY 2009
www.ti.com
SEE
ADDITIONS/MODIFICATIONS/DELETIONS
Section 6.4.2, CLKIN Pin With LVCMOS-Compatible Clock Input (Optional):
•
Updated/Changed the "A LVCMOS-compatible clock input ..." paragraph
•
Updated/Changed Figure 6-4, LVCMOS-Compatible Clock Input With RTC Oscillator Enabled
•
Updated/ChangedFigure 6-5, LVCMOS-Compatible Clock Input With RTC Oscillator Disabled
Section 6.4.3, USB On-Chip Oscillator With External Crystal (Optional):
•
Updated/Changed the "The USB on-chip oscillator can ..." paragraph
•
Updated/Changed the "The crystal should be in fundamental-mode ..." paragraph
Section 6.5
Section 6.5.1, PLL Device-Specific Information:
Clock PLLs
•
Updated/Changed the first paragraph
•
Updated/Changed the , PLLC1 Clock Frequency Ranges
Section 6.5.3
Table 6-3, Timing Requirements for CLKIN:
Clock PLL Electrical
•
Added new table
Data/Timing (Input and
Output Clocks)
Table 6-4, Switching Characteristics Over Recommended Operating Conditions for CLKOUT:
•
Updated/Changed PARAMETER NO. 4, tt(CLKOUTR) MAX value for CVDD = 1.05 V from "8.33" to "5" ns
•
Updated/Changed PARAMETER NO. 5, tt(CLKOUTF) MAX value for CVDD = 1.05 V from "8.33" to "5" ns
•
Added an associated footnote
Section 6.7
Section 6.7, Reset:
Reset
•
Updated/Changed the paragraph
•
Added new Subsections
Section 6.8.1
Table 6-6, Timing Requirements for Interrupts:
Interrupts Electrical
•
Updated/Changed PARAMETER NO. 1, tw(INTH) MIN value from "3P" to "2P" ns
Data/Timing
•
Updated/Changed PARAMETER NO. 2, tw(INTL) MIN value from "3P" to "2P" ns
•
Updated/Changed associated "P = ..." footnote
Table 6-8, Switching Characteristics Over Recommended Operating Conditions For Wake-Up From IDLE:
•
Updated/Changed PARAMETER NO. 2, td(WKEVTH-CLKGEN) "IDLE3 Mode with ..." descriptions
•
Deleted PARAMETER NO. 2, td(WKEVTH-CLKGEN) for IDLE3 Mode with SYSCLKDIS = 1; INTx event
•
Updated/Changed PARAMETER NO. 2, td(WKEVTH-CLKGEN) "IDLE2 Mode; INTx event ..." from "4P" to
"3P" ns
Figure 6-12, Wake-Up From IDLE Timings:
•
Added "CLKOUT reflects either ..." footnote
Section 6.8.3
Figure 6-13, XF Timings:
XF Electrical Data/Timing
•
Updated/Changed the footnote
Section 6.9
Section 6.9.3, EMIF Electrical Data/Timing CVDD = 1.05 V, DVDDEMIF = 3.3/2.8/2.5 V and CVDD = 1.05 V,
External Memory Interface
DVDDEMIF = 1.8 V:
(EMIF)
•
Updated/Changed the section title
Section 6.9.4, EMIF Electrical Data/Timing CVDD = 1.3 V, DVDDEMIF = 3.3/2.8/2.5 V and CVDD = 1.3 V,
DVDDEMIF = 1.8 V:
•
Updated/Changed the section title
Section 6.10
•
Updated/Changed the first paragraph
Multimedia Card/Secure
Digital (MMC/SD)
Section 6.10.2
Table 6-18, Switching Characteristics Over Recommended Operating Conditions for MMC Output:
MMC/SD Electrical
•
Updated/Changed PARAMETER NO. 9, tw(CLKL) MIN value for FAST MODE from "6" to "7" ns
Data/Timing
•
Updated/Changed PARAMETER NO. 10, tw(CLKH) MIN value for FAST MODE from "6" to "7" ns
•
Updated/Changed PARAMETER NO. 13, twd(MDCLKL-CMDIV) MIN values for both FAST MODE and STD
MODE from "-4.5" to "-4" ns.
•
Updated/Changed PARAMETER NO. 15, twd(MDCLKL-DATIV) MIN values for both FAST MODE and STD
MODE from "-4.5" to "-4" ns.
•
Added the "For MMC/SD, the parametric values ..." footnote
Section 6.11
•
Updated/Changed the first paragraph
Real-Time Clock (RTC)
•
Updated/Changed the "Control of the RTC is ..." paragraph
•
Added two new paragraphs before the "RTC Peripheral Register Description(s) section
Revision History
8
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com