Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5504 Datasheet(PDF) 82 Page - Texas Instruments

Part # TMS320VC5504
Description  Fixed-Point Digital Signal Processor
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5504 Datasheet(HTML) 82 Page - Texas Instruments

Back Button TMS320VC5504 Datasheet HTML 78Page - Texas Instruments TMS320VC5504 Datasheet HTML 79Page - Texas Instruments TMS320VC5504 Datasheet HTML 80Page - Texas Instruments TMS320VC5504 Datasheet HTML 81Page - Texas Instruments TMS320VC5504 Datasheet HTML 82Page - Texas Instruments TMS320VC5504 Datasheet HTML 83Page - Texas Instruments TMS320VC5504 Datasheet HTML 84Page - Texas Instruments TMS320VC5504 Datasheet HTML 85Page - Texas Instruments TMS320VC5504 Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 128 page
background image
TMS320VC5504
Fixed-Point Digital Signal Processor
SPRS609A – JUNE 2009 – REVISED JULY 2009
www.ti.com
Table 6-12. Switching Characteristics Over Recommended Operating Conditions for EMIF Asynchronous Memory (see Figure 6-15 and
Figure 6-17) (continued)
CVDD = 1.05 V
DVDDEMIF = 3.3/2.8/2.5/1.8 V
NO.
PARAMETER
UNIT
MIN
NOM
MAX
EM_WE active low width (EW = 0)
(WST)*E-9
(WST)*E
(WST)*E+9
ns
22
tw(EMWEL)
EM_WE active low width (EW = 1)
(WST+(EWC*16))*E-9
(WST+(EWC*16))*E
(WST+(EWC*16))*E+9
ns
23
td(EMWAITH-EMWEH)
Delay time from EM_WAITx deasserted to EM_WE high
3E-9
4E
4E+9
ns
24
tsu(EMDV-EMWEL)
Output setup time, EM_D[15:0] valid to EM_WE low
(WS)*E-9
(WS)*E
(WS)*E+9
ns
25
th(EMWEH-EMDIV)
Output hold time, EM_WE high to EM_D[15:0] invalid
(WH)*E-9
(WH)*E
(WH)*E+9
ns
82
Peripheral Information and Electrical Specifications
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com