Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5504 Datasheet(PDF) 14 Page - Texas Instruments

Part # TMS320VC5504
Description  Fixed-Point Digital Signal Processor
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5504 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TMS320VC5504 Datasheet HTML 10Page - Texas Instruments TMS320VC5504 Datasheet HTML 11Page - Texas Instruments TMS320VC5504 Datasheet HTML 12Page - Texas Instruments TMS320VC5504 Datasheet HTML 13Page - Texas Instruments TMS320VC5504 Datasheet HTML 14Page - Texas Instruments TMS320VC5504 Datasheet HTML 15Page - Texas Instruments TMS320VC5504 Datasheet HTML 16Page - Texas Instruments TMS320VC5504 Datasheet HTML 17Page - Texas Instruments TMS320VC5504 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 128 page
background image
3.2.3
On-Chip Read-Only Memory (ROM)
3.2.4
External Memory
TMS320VC5504
Fixed-Point Digital Signal Processor
SPRS609A – JUNE 2009 – REVISED JULY 2009
www.ti.com
Table 3-3. SARAM Blocks (continued)
CPU
DMA/USB CONTROLLER
MEMORY BLOCK
BYTE ADDRESS RANGE
BYTE ADDRESS RANGE
034000h – 035FFFh
000B 4000h – 000B 5FFFh
SARAM 18
036000h – 037FFFh
000B 6000h – 000B 7FFFh
SARAM 19
038000h – 039FFFh
000B 8000h – 000B 9FFFh
SARAM 20
03A000h – 03BFFFh
000B A000h – 000B BFFFh
SARAM 21
03C000h – 03DFFFh
000B C000h – 000B DFFFh
SARAM 22
03E000h – 03FFFFh
000B E000h – 000B FFFFh
SARAM 23
040000h – 04FFFFh
000C 0000h – 000C FFFFh
Reserved
The zero-wait-state ROM is located at the byte address range FE0000h – FFFFFFh. The ROM is
composed of four 16K-word blocks, for a total of 128K bytes of ROM. The ROM address space can be
mapped by software to the external memory or to the internal ROM.
The standard VC5504 device includes a Bootloader program resident in the ROM.
When the MPNMC bit field of the ST3 status register is cleared (by default), the byte address range
FE0000h – FFFFFFh is reserved for the on-chip ROM. When the MPNMC bit field of the ST3 status
register is set through software, the on-chip ROM is disabled and not present in the memory map, and
byte address range FE0000h – FFFFFFh is directed to external memory space. A hardware reset always
clears the MPNMC bit, so it is not possible to disable the ROM at reset. However, the software reset
instruction does not affect the MPNMC bit. The ROM can be accessed by the program and data buses.
Each on-chip ROM block is a one cycle per word access memory.
The external memory space of the device is located at the byte address range 050000h – FFFFFFh. The
external memory space is divided into four chip select spaces: EMIF CS2 through CS5 space dedicated to
asynchronous devices including flash. Each chip select space has a corresponding chip select pin (called
EMIF_CSx) that is activated during an access to the chip select space.
The external memory interface (EMIF) provides the means for the DSP to access external memories and
other devices including: NOR Flash, NAND Flash, and SRAM. Before accessing external memory, you
must configure the EMIF through its memory-mapped registers.
The EMIF provides a configurable 16- or 8-bit data bus, an address bus width of up to 21-bits, and 4
dedicated chip selects, along with memory control signals. To maximize power savings, the I/O pin of the
EMIF can be operated at an independent voltage from the rest of other I/O pins on the device.
For more details on the EMIF, see the TMS320VC5505 Digital Signal Processor (DSP) External Memory
Interface (EMIF) User’s Guide (literature number SPRUFO8).
14
Device Overview
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com