Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F613 Datasheet(PDF) 65 Page - fujitsu semiconductor

Part # MB91F613
Description  32-bit Microcontrollers
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F613 Datasheet(HTML) 65 Page - fujitsu semiconductor

Back Button MB91F613 Datasheet HTML 61Page - fujitsu semiconductor MB91F613 Datasheet HTML 62Page - fujitsu semiconductor MB91F613 Datasheet HTML 63Page - fujitsu semiconductor MB91F613 Datasheet HTML 64Page - fujitsu semiconductor MB91F613 Datasheet HTML 65Page - fujitsu semiconductor MB91F613 Datasheet HTML 66Page - fujitsu semiconductor MB91F613 Datasheet HTML 67Page - fujitsu semiconductor MB91F613 Datasheet HTML 68Page - fujitsu semiconductor MB91F613 Datasheet HTML 69Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 104 page
background image
MB91610 Series
DS07-16907-2E
65
(Continued)
*6 : The total average output current is the average current for all pins over a period of 100 ms.
*7 : If the input current or the maximum input current are limited by some means with external components, the
ICLAMP rating supersedes the VI rating.
*8 :
• Corresponding pins:P14 to P17,P20 to P27,P30 to P37,P50 to P57
• Use within recommended operating conditions.
• Use at DC voltage (current).
• The +B signal should always be applied by connecting a limiting resistor between the +B signal and the
microcontroller.
• The value of the limiting resistor should be set so that the current input to the microcontroller pin does not
exceed rated values at any time regardless of instantaneously or constantly when the +B signal is input.
• Note that when the microcontroller drive current is low, such as in the low power consumption modes, the
+B input potential can increase the potential at the VCC pin via a protective diode, possibly affecting other
devices.
• Note that if the +B signal is input when the microcontroller is off (not fixed at 0V), since the power is supplied
through the pin, the microcontroller may operate incompletely.
• Do not leave +B input pins open.
• Sample recommended circuit
WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage, current,
temperature, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
P-ch
N-ch
Vcc
R
•Input/output equivalent circuit
+B input (0 V to 16 V)
Limiting
resistor
Protective diode
ICLAMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com