Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F613 Datasheet(PDF) 24 Page - fujitsu semiconductor

Part # MB91F613
Description  32-bit Microcontrollers
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F613 Datasheet(HTML) 24 Page - fujitsu semiconductor

Back Button MB91F613 Datasheet HTML 20Page - fujitsu semiconductor MB91F613 Datasheet HTML 21Page - fujitsu semiconductor MB91F613 Datasheet HTML 22Page - fujitsu semiconductor MB91F613 Datasheet HTML 23Page - fujitsu semiconductor MB91F613 Datasheet HTML 24Page - fujitsu semiconductor MB91F613 Datasheet HTML 25Page - fujitsu semiconductor MB91F613 Datasheet HTML 26Page - fujitsu semiconductor MB91F613 Datasheet HTML 27Page - fujitsu semiconductor MB91F613 Datasheet HTML 28Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 104 page
background image
MB91610 Series
24
DS07-16907-2E
• Latch-up
Semiconductor devices are constructed by the formation of P-type and N-type areas on a substrate. When
subjected to abnormally high voltages, internal parasitic PNPN junctions (called thyristor structures) may be
formed, causing large current levels in excess of several hundred mA to flow continuously at the power supply
pin. This condition is called latch-up.
Note: The occurrence of latch-up not only causes loss of reliability in the semiconductor device, but can cause
injury or damage from high heat, smoke or flame. To prevent this from happening, do the following:
(a) Be sure that voltages applied to pins do not exceed the absolute maximum ratings. This should include
attention to abnormal noise, surge levels, etc.
(b) Be sure that abnormal current flows do not occur during the power-on sequence.
• Observance of Safety Regulations and Standards
Most countries in the world have established standards and regulations regarding safety, protection from elec-
tromagnetic interference, etc. Customers are requested to observe applicable regulations and standards in the
design of products.
• Fail-Safe Design
Any semiconductor devices have inherently a certain rate of failure. You must protect against injury, damage or
loss from such failures by incorporating safety design measures into your facility and equipment such as redun-
dancy, fire protection, and prevention of over-current levels and other abnormal operating conditions.
• Precautions Related to Usage of Devices
FUJITSU MICROELECTRONICS semiconductor devices are intended for use in standard applications (com-
puters, office automation and other office equipment, industrial, communications, and measurement equipment,
personal or household devices, etc.).
CAUTION: Customers considering the use of our products in special applications where failure or abnormal
operation may directly affect human lives or cause physical injury or property damage, or where extremely high
levels of reliability are demanded (such as aerospace systems, atomic energy controls, sea floor repeaters,
vehicle operating controls, medical devices for life support, etc.) are requested to consult with FUJITSU MICRO-
ELECTRONICS sales representatives before such use. The company will not be responsible for damages arising
from such use without prior approval.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com