Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F613 Datasheet(PDF) 69 Page - fujitsu semiconductor

Part # MB91F613
Description  32-bit Microcontrollers
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F613 Datasheet(HTML) 69 Page - fujitsu semiconductor

Back Button MB91F613 Datasheet HTML 65Page - fujitsu semiconductor MB91F613 Datasheet HTML 66Page - fujitsu semiconductor MB91F613 Datasheet HTML 67Page - fujitsu semiconductor MB91F613 Datasheet HTML 68Page - fujitsu semiconductor MB91F613 Datasheet HTML 69Page - fujitsu semiconductor MB91F613 Datasheet HTML 70Page - fujitsu semiconductor MB91F613 Datasheet HTML 71Page - fujitsu semiconductor MB91F613 Datasheet HTML 72Page - fujitsu semiconductor MB91F613 Datasheet HTML 73Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 104 page
background image
MB91610 Series
DS07-16907-2E
69
(VCC
= AVCC = 3.0 V to 3.6 V, VSS = AVSS = 0 V, Ta = − 40 °C to + 85 °C)
(Continued)
Parameter
Sym-
bol
Pin name
Conditions
Value
Unit
Remarks
Min
Typ
Max
“H” level input
voltage
(hysteresis input)
VIHS
P00 to P07,
P10 to P17,
P50 to P57,
P70 to P77,
PK0, PK1,
DCKI,
VSYNC,
HSYNC, INIT,
MD0, MD1
⎯
VCC
× 0.8
⎯
VCC
+ 0.3
V
P20 to P27,
P30 to P37
⎯
VCC
× 0.8
⎯
VSS
+ 5.5
V
5 V tolerant
“L”level input
voltage
(hysteresis input)
VILS
P00 to P07,
P10 to P17,
P20 to P27,
P30 to P37,
P50 to P57,
P70 to P77,
PK0, PK1,
DCKI,
VSYNC,
HSYNC, INIT,
MD0, MD1
⎯
Vss
− 0.3
⎯
VCC
× 0.2
V
“H” level
output voltage
VOH
P00 to P07,
P10 to P17,
P20 to P27,
P30 to P37,
P50 to P57,
P70 to P77,
PK0, PK1,
R0 to R4,
G0 to G5,
B0 to B4,
VOA0 to
VOA2,
VOB, DCKO
VCC
= 3.0 V
IOH
= − 4 mA
VCC
− 0.5
⎯
VCC
V
“L” level
output voltage
VOL
VCC
= 3.0 V
IOL
= 4 mA
VSS
⎯
0.4
V
Input leak current
IIL
⎯⎯
− 5
⎯
+ 5
μA Digital pin
− 10
⎯
+ 10
μA Analog pin
Pull-up resistance
value
RPU
Pull-up pin
⎯
16.6
33
66
k
Ω
Pull-down
resistance value
RPD
IBREAK
ICD0 to ICD3
⎯
16.6
33
66
k
Ω
MB91F610A
only
Input capacitance
CIN
Other than
VCC, VSS,
AVCC, AVSS,
AVRH
⎯⎯
10
15
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com