Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F613 Datasheet(PDF) 14 Page - fujitsu semiconductor

Part # MB91F613
Description  32-bit Microcontrollers
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F613 Datasheet(HTML) 14 Page - fujitsu semiconductor

Back Button MB91F613 Datasheet HTML 10Page - fujitsu semiconductor MB91F613 Datasheet HTML 11Page - fujitsu semiconductor MB91F613 Datasheet HTML 12Page - fujitsu semiconductor MB91F613 Datasheet HTML 13Page - fujitsu semiconductor MB91F613 Datasheet HTML 14Page - fujitsu semiconductor MB91F613 Datasheet HTML 15Page - fujitsu semiconductor MB91F613 Datasheet HTML 16Page - fujitsu semiconductor MB91F613 Datasheet HTML 17Page - fujitsu semiconductor MB91F613 Datasheet HTML 18Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 104 page
background image
MB91610 Series
14
DS07-16907-2E
(Continued)
Pin no.
Pin name
I/O circuit
type*
Function
105
P11
B
General-purpose I/O port
TIOB4
Base timer ch.4 TIOB
SIN2
Multifunction serial ch.2 input
INT1
External interrupt 1 input
106
P12
B
General-purpose I/O port
TIOA5
Base timer ch.5 TIOA
SCK2
Multifunction serial ch.2 clock [operation modes 0 to 2]
(SCL2)
I2C ch.2 serial clock line [operation mode 4]
INT2
External interrupt 2 input
107
P13
B
General-purpose I/O port
TIOB5
Base timer ch.5 TIOB
INT3
External interrupt 3 input
108
P14
B
General-purpose I/O port
TIOA6
Base timer ch.6 TIOA
SOUT3
Multifunction serial ch.3 output [operation modes 0 to 2]
(SDA3)
I2C ch.3 serial data line [operation mode 4]
INT4
External interrupt 4 input
109
P15
B
General-purpose I/O port
TIOB6
Base timer ch.6 TIOB
SIN3
Multifunction serial ch.3 input
INT5
External interrupt 5 input
110
P16
B
General-purpose I/O port
TIOA7
Base timer ch.7 TIOA
SCK3
Multifunction serial ch.3 clock [operation modes 0 to 2]
(SCL3)
I2C ch.3 serial clock line [operation mode 4]
INT6
External interrupt 6 input
111
P17
B
General-purpose I/O port
TIOB7
Base timer ch.7 TIOB
INT7
External interrupt 7 input
112
P20
C
General-purpose I/O port
SOUT8
Multifunction serial ch.8 output [operation modes 0 to 2]
(SDA8)
I2C ch.8 serial data line [operation mode 4]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com