Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F613 Datasheet(PDF) 89 Page - fujitsu semiconductor

Part # MB91F613
Description  32-bit Microcontrollers
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F613 Datasheet(HTML) 89 Page - fujitsu semiconductor

Back Button MB91F613 Datasheet HTML 85Page - fujitsu semiconductor MB91F613 Datasheet HTML 86Page - fujitsu semiconductor MB91F613 Datasheet HTML 87Page - fujitsu semiconductor MB91F613 Datasheet HTML 88Page - fujitsu semiconductor MB91F613 Datasheet HTML 89Page - fujitsu semiconductor MB91F613 Datasheet HTML 90Page - fujitsu semiconductor MB91F613 Datasheet HTML 91Page - fujitsu semiconductor MB91F613 Datasheet HTML 92Page - fujitsu semiconductor MB91F613 Datasheet HTML 93Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 104 page
background image
MB91610 Series
DS07-16907-2E
89
5.
Electrical Characteristics for the A/D Converter
(VCC
= AVCC = 3.0 V to 3.6 V, VSS = AVSS = 0 V, Ta = − 40 °C to + 85 °C)
*1 : Depending on the clock cycle supplied to peripheral resources.
Ensure that it satisfies the value; PCLK cycle
× more than 4 + the value calculated from (Equation 1).
The condition of the minimum conversion time is when PCLK
= 33 MHz, the value of sampling time: 0.424 μs,
external impedance: 1.4 k
Ω or less and compare time: 0.72 μs.
(Continued)
Parameter
Pin name
Value
Unit
Remarks
Min
Typ
Max
Resolution
⎯⎯
⎯
10
bit
Total error
⎯
− 5
⎯
+ 5LSB
AVCC
= 3.3 V,
AVRH
= 3.3 V
Linearity error
⎯
− 3.5
⎯
+ 3.5
LSB
Differential linearity error
⎯
− 3
⎯
+ 3LSB
Zero transition voltage
AN0 to AN7
− 1.5
+ 0.5
+ 4LSB
Full transition voltage
AN0 to AN7
AVRH
− 4 AVRH − 1.5 AVRH + 0.5 LSB
Compare time
⎯
0.72*3
⎯⎯
μsPCLK = 33 MHz
Conversion time
⎯
1.2*1
⎯⎯
μsPCLK = 33 MHz
Power supply current
(analog
+ digital)
AVCC
⎯⎯
3.5
mA D/A stopped
⎯⎯
11
μA At power-down*2
Reference power
supply current
(between AVRH and
AVSS)
AVRH
⎯⎯
0.6
mA AVRH
= 3.0 V
⎯⎯
5
μA At power-down*2
Analog input capacity
⎯⎯
⎯
8.5
pF
Interchannel disparity
⎯⎯
⎯
4LSB
Analog port input current
AN0 to AN7
⎯⎯
10
μA
Analog input voltage
AN0 to AN7
AVSS
⎯
AVRH
V
Standard voltage
AVRH
AVSS
⎯
AVCC
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com