Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F613 Datasheet(PDF) 95 Page - fujitsu semiconductor

Part # MB91F613
Description  32-bit Microcontrollers
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F613 Datasheet(HTML) 95 Page - fujitsu semiconductor

Back Button MB91F613 Datasheet HTML 91Page - fujitsu semiconductor MB91F613 Datasheet HTML 92Page - fujitsu semiconductor MB91F613 Datasheet HTML 93Page - fujitsu semiconductor MB91F613 Datasheet HTML 94Page - fujitsu semiconductor MB91F613 Datasheet HTML 95Page - fujitsu semiconductor MB91F613 Datasheet HTML 96Page - fujitsu semiconductor MB91F613 Datasheet HTML 97Page - fujitsu semiconductor MB91F613 Datasheet HTML 98Page - fujitsu semiconductor MB91F613 Datasheet HTML 99Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 104 page
background image
MB91610 Series
DS07-16907-2E
95
*2 : Use differential-Receiver to receive USB differential data signal.
Differential-Receiver has 200 [mV] of differential input sensitivity when the differential data input is within 0.8 [V]
to 2.5 [V] to the local ground reference level.
Above voltage range is the common mode input voltage range.
*3 : The output drive capability of the driver is below 0.3 [V] at Low-State (VOL) (to 3.6 [V] and 1.5 k
Ω load), and
2.8 [V] or above (to the VSS and 1.5 k
Ω load) at High-State (VOH).
*4 : The cross voltage of the external differential output signal (D
+ /D − ) of USB I/O buffer is within 1.3 [V] to 2.0 [V].
*5 : Regarding tFR ,tFF, tRFM
They indicate rise time (Trise) and fall time (Tfall) of the differential data signal.
They are defined by the time between 10
% to 90% of the output signal voltage.
For full-speed buffer, tFR/tFF ratio is regulated as within
±10% to minimize RFI emission.
(Continued)
1.0 [V]
0.2 [V]
0.8 [V]
2.5 [V]
Common mode input voltage [V]
D+
D-
Max 2.0 [V]
Min 1.3 [V]
VCRS standard range
90%
90%
10%
10%
VCRS
UDP
UDM
tFR
tFF
Rise time
Fall time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com