Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F613 Datasheet(PDF) 88 Page - fujitsu semiconductor

Part # MB91F613
Description  32-bit Microcontrollers
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F613 Datasheet(HTML) 88 Page - fujitsu semiconductor

Back Button MB91F613 Datasheet HTML 84Page - fujitsu semiconductor MB91F613 Datasheet HTML 85Page - fujitsu semiconductor MB91F613 Datasheet HTML 86Page - fujitsu semiconductor MB91F613 Datasheet HTML 87Page - fujitsu semiconductor MB91F613 Datasheet HTML 88Page - fujitsu semiconductor MB91F613 Datasheet HTML 89Page - fujitsu semiconductor MB91F613 Datasheet HTML 90Page - fujitsu semiconductor MB91F613 Datasheet HTML 91Page - fujitsu semiconductor MB91F613 Datasheet HTML 92Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 104 page
background image
MB91610 Series
88
DS07-16907-2E
(13) Display signal timing
(VCC
= AVCC = 3.0 V to 3.6 V, VSS = AVSS = 0 V, Ta = − 40 °C to + 85 °C)
*1 : Input continuous signal to the dot clock.
*2 : Output load 16 pF
Note: Actual display output varies depending on what is controlled, such as display output control and display
location control in each display layer.
Parameter
Symbol
Pin name
Value
Unit
Remarks
Min
Max
Dot clock input cycle time
tDIF
DCKI
8
75
MHz
*1
Dot clock input pulse width
tDIWH
DCKI
5
⎯
ns
*1
tDIWL
5
⎯
ns
Dot clock output delay time1
tPDCS
DCKO
2.2
8
ns
*2
Display signal output delay time I1
tPDI1
R0 to R4,
G0 to G5,
B0 to B4,
VOB,
VOA0 to
VOA2
28.3
ns
*2
Display signal output delay time O1
tPDO1
−4
+5ns
*2
DCKI
DCKO
R0 to R4
G0 to G5
B0 to B4
VOB
VOA0 to VOA2
tPDCS
tDIF
tDIWH
tDIWL
tPDO1
tPDI1
tPDCS
0.8 VCC
0.8 VCC
0.2 VCC
0.2 VCC
0.8 VCC
0.2 VCC
0.8 VCC
0.2 VCC
• Display signal output timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com