Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F613 Datasheet(PDF) 22 Page - fujitsu semiconductor

Part # MB91F613
Description  32-bit Microcontrollers
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F613 Datasheet(HTML) 22 Page - fujitsu semiconductor

Back Button MB91F613 Datasheet HTML 18Page - fujitsu semiconductor MB91F613 Datasheet HTML 19Page - fujitsu semiconductor MB91F613 Datasheet HTML 20Page - fujitsu semiconductor MB91F613 Datasheet HTML 21Page - fujitsu semiconductor MB91F613 Datasheet HTML 22Page - fujitsu semiconductor MB91F613 Datasheet HTML 23Page - fujitsu semiconductor MB91F613 Datasheet HTML 24Page - fujitsu semiconductor MB91F613 Datasheet HTML 25Page - fujitsu semiconductor MB91F613 Datasheet HTML 26Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 104 page
background image
MB91610 Series
22
DS07-16907-2E
■ PRECAUTIONS FOR HANDLING THE DEVICES
Any semiconductor devices have inherently a certain rate of failure. The possibility of failure is greatly affected
by the conditions in which they are used (circuit conditions, environmental conditions, etc.). This page describes
precautions that must be observed to minimize the chance of failure and to obtain higher reliability from your
FUJITSU MICROELECTRONICS semiconductor devices.
1.
Precautions for Product Design
This section describes precautions when designing electronic equipment using semiconductor devices.
• Absolute Maximum Ratings
Semiconductor devices can be permanently damaged by application of stress (voltage, current, temperature,
etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
• Recommended Operating Conditions
The recommended operating conditions are required in order to ensure the normal operation of the semicon-
ductor device. All of the device’s electrical characteristics are warranted when the device is operated within these
ranges.
Always use semiconductor devices within their recommended operating condition ranges. Operation outside
these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented on the data
sheet. Users considering application outside the listed conditions are advised to contact their representatives
beforehand.
• Processing and Protection of Pins
These precautions must be followed when handling the pins which connect semiconductor devices to power
supply and input/output functions.
(1) Preventing Over-Voltage and Over-Current Conditions
Exposure to voltage or current levels in excess of maximum ratings at any pin is likely to cause deterioration
within the device, and in extreme cases leads to permanent damage of the device. Try to prevent such
overvoltage or over-current conditions at the design stage.
(2) Protection of Output Pins
Shorting of output pins to supply pins or other output pins, or connection to large capacitance can cause
large current flows. Such conditions if present for extended periods of time can damage the device.
Therefore, avoid this type of connection.
(3) Handling of Unused Input Pins
Unconnected input pins with very high impedance levels can adversely affect stability of operation. Such pins
should be connected through an appropriate resistance to a power supply pin or ground pin.
- PLL pin for OSD (recommended pin handling when PLL for OSD is not in use)
Pin no.
Pin name
Recommended handling of unused pin
45
VSSP
VSS (PLL macro GND)
46
VDDP
VSS (PLL macro power supply)
47
VCI
VSS
48
CPO
VSS
- Analog OSD (recommended pin handling when analog OSD is not in use)
Pin no.
Pin name
Recommended handling of unused pin
49
VSSD
VSS (DAC macro GND)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com