Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F613 Datasheet(PDF) 28 Page - fujitsu semiconductor

Part # MB91F613
Description  32-bit Microcontrollers
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F613 Datasheet(HTML) 28 Page - fujitsu semiconductor

Back Button MB91F613 Datasheet HTML 24Page - fujitsu semiconductor MB91F613 Datasheet HTML 25Page - fujitsu semiconductor MB91F613 Datasheet HTML 26Page - fujitsu semiconductor MB91F613 Datasheet HTML 27Page - fujitsu semiconductor MB91F613 Datasheet HTML 28Page - fujitsu semiconductor MB91F613 Datasheet HTML 29Page - fujitsu semiconductor MB91F613 Datasheet HTML 30Page - fujitsu semiconductor MB91F613 Datasheet HTML 31Page - fujitsu semiconductor MB91F613 Datasheet HTML 32Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 104 page
background image
MB91610 Series
28
DS07-16907-2E
• Mode pins (MD0, MD1)
Connect the MD pin (MD0, MD1) directly to VCC or VSS pins. Design the printed circuit board such that the pull-
up/down resistance stays low, as well as the distance between the mode pins and VCC pins or VSS pins is as
short as possible and the connection impedance is low, when the pins are pulled-up/down such as for switching
the pin level and rewriting the Flash memory data. It is because of preventing the device erroneously switching
to test mode due to noise.
• Notes on power-on
• To ensure that the internal regulator and the oscillator have stabilized immediately after the power is turned
on, keep an “L” level input connected to the INIT pin for the duration of the regulator voltage stabilization wait
time + the oscillator start time of the oscillator + the main oscillator stabilization wait time.
• Turn power on/off in the following order
Turning on : VCC
→ AVCC → AVRH
Turning off : AVRH
→ AVCC → VCC
• Release the reset (INIT pin “L” level to “H” level) after the power supply has stabilized.
• Caution on operations during PLL clock mode
On this microcontroller, if in case the crystal oscillator breaks off or an external reference clock input stops while
the PLL clock mode is selected, a self-oscillator circuit contained in the PLL may continue its operation at its
self-running frequency.
However, Fujitsu Microelectronics will not guarantee results of operations if such failure occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com