Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX35 Datasheet(PDF) 101 Page - Freescale Semiconductor, Inc

Part # IMX35
Description  i.MX35 Applications Processors for Automotive Products
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX35 Datasheet(HTML) 101 Page - Freescale Semiconductor, Inc

Back Button IMX35 Datasheet HTML 97Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 98Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 99Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 100Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 101Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 102Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 103Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 104Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 105Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 148 page
background image
i.MX35 Applications Processors for Automotive Products, Rev. 6
Freescale Semiconductor
101
4.9.16
1-Wire Timing Specifications
Figure 71 depicts the RPP timing, and Table 61 lists the RPP timing parameters.
Figure 71. Reset and Presence Pulses (RPP) Timing Diagram
MLBCLK high time
tmckh
9.7
9.3
10.6
10.2
—
—
ns
PLL unlocked
MLBCLK pulse width variation
tmpwv
——
0.7
ns pp
Note2
MLBSIG/MLBDAT input valid
to MLBCLK falling
tdsmcf
1—
—
ns
—
MLBSIG/MLBDAT input hold
from MLBCLK low
tdhmcf
0—
—
ns
—
MLBSIG/MLBDAT output high
impedance from MLBCLK low
tmcfdz
0—
tmckl
ns
—
Bus Hold Time
tmdzh
2—
—
ns
Note3
1 The MLB Controller can shut off MLBCLK to place MediaLB in a low-power state.
2 Pulse width variation is measured at 1.25 V by triggering on one edge of MLBCLK and measuring the spread on the other edge,
measured in ns peak-to-peak (pp)
3 The board must be designed to insure that the high-impedance bus does not leave the logic state of the final driven bit for this
time period. Therefore, coupling must be minimized while meeting the maximum capacitive load listed.
Table 61. RPP Sequence Delay Comparisons Timing Parameters
ID
Parameters
Symbol
Min.
Typ.
Max.
Units
OW1
Reset time low
tRSTL
480
511
—
µs
OW2
Presence detect high
tPDH
15
—
60
µs
OW3
Presence detect low
tPDL
60
—
240
µs
OW4
Reset time high
tRSTH
480
512
—
µs
Table 60. MLB Device 1024Fs Timing Parameters (continued)
Parameter
Symbol
Min
Typ
Max
Units
Comment
1-Wire bus
DS2502 Tx
“Presence Pulse”
(BATT_LINE)
1-WIRE Tx
“Reset Pulse”
OW1
OW2
OW3
OW4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com