Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX35 Datasheet(PDF) 103 Page - Freescale Semiconductor, Inc

Part # IMX35
Description  i.MX35 Applications Processors for Automotive Products
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX35 Datasheet(HTML) 103 Page - Freescale Semiconductor, Inc

Back Button IMX35 Datasheet HTML 99Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 100Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 101Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 102Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 103Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 104Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 105Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 106Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 107Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 148 page
background image
i.MX35 Applications Processors for Automotive Products, Rev. 6
Freescale Semiconductor
103
4.9.17
Parallel ATA Module AC Electrical Specifications
The parallel ATA module can work on PIO/multiword DMA/ultra-DMA transfer modes (not available for
the MCIMX351). Each transfer mode has a different data transfer rate, Ultra DMA mode 4 data transfer
rate is up to 100 MBps.
The parallel ATA module interface consists of a total of 29 pins. Some pins have different functions in
different transfer modes. There are various requirements for timing relationships among the function pins,
in compliance with the ATA/ATAPI-6 specification, and these requirements are configurable by the ATA
module registers.
4.9.17.1
General Timing Requirements
Table 64 and Figure 75 define the AC characteristics of the interface signals on all data transfer modes.
Figure 75. ATA Interface Signals Timing Diagram
4.9.17.2
ATA Electrical Specifications (ATA Bus, Bus Buffers)
This section discusses ATA parameters. For a detailed description, refer to the ATA-6 specification.
Level shifters are required for 3.3-V or 5.0-V compatibility on the ATA interface.
The use of bus buffers introduces delays on the bus and introduces skew between signal lines. These
factors make it difficult to operate the bus at the highest speed (UDMA-5) when bus buffers are used. Use
of bus buffers is not recommended if fast UDMA mode is required.
The ATA specification imposes a slew rate limit on the ATA bus. According to this limit, any signal driven
on the bus should have a slew rate between 0.4 and 1.2 V/ns with a 40 pF load. Few vendors of bus buffers
specify the slew rate of the outgoing signals.
When bus buffers are used the ata_data bus buffer is bidirectional, and uses the direction control signal
ata_buffer_en. When ata_buffer_en is asserted, the bus should drive from host to device. When
Table 64. AC Characteristics of All Interface Signals
ID
Parameter
Symbol
Min.
Max.
Unit
SI1
Rising edge slew rate for any signal on the ATA interface1
1 SRISE and SFALL meet this requirement when measured at the sender’s connector from 10–90% of full signal amplitude with
all capacitive loads from 15 pF through 40 pF, where all signals have the same capacitive load value.
Srise
1
—1.25
V/ns
SI2
Falling edge slew rate for any signal on the ATA interface1
Sfall
1
—1.25
V/ns
SI3
Host interface signal capacitance at the host connector
Chost
—20
pF
ATA Interface Signals
SI1
SI2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com