Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCIMX515CJM6C Datasheet(PDF) 135 Page - Freescale Semiconductor, Inc

Part # PCIMX515CJM6C
Description  i.MX51 Applications Processors for Consumer and Industrial Products
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX515CJM6C Datasheet(HTML) 135 Page - Freescale Semiconductor, Inc

Back Button PCIMX515CJM6C Datasheet HTML 131Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 132Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 133Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 134Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 135Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 136Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 137Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 138Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 139Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 184 page
background image
Electrical Characteristics
i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1
Freescale Semiconductor
135
Preliminary—Subject to Change Without Notice
3.7.18
USB Parallel Interface Timing
Electrical and timing specifications of Parallel Interface are presented in the subsequent sections.
Figure 101. USB Transmit/Receive Waveform in Parallel Mode
Table 104. Signal Definitions—Parallel Interface (Normal ULPI)
Name
Direction
Signal Description
USB_Clk
In
Interface clock. All interface signals are synchronous to Clock.
USB_Data[7:0]
I/O
Bi-directional data bus, driven low by the link during idle. Bus
ownership is determined by Dir.
USB_Dir
In
Direction. Control the direction of the Data bus.
USB_Stp
Out
Stop. The link asserts this signal for 1 clock cycle to stop the data
stream currently on the bus.
USB_Nxt
In
Next. The PHY asserts this signal to throttle the data.
Table 105. USB Timing Specification for ULPI Parallel Mode
ID
Parameter
Min
Max
Unit
Conditions /
Reference Signal
US15
Setup Time (Dir, Nxt in, Data in)
6
—
ns
10 pF
US16
Hold Time (Dir, Nxt in, Data in)
0
—
ns
10 pF
US17
Output delay Time (Stp out, Data out)
—
9
ns
10 pF
USB_Stp
USB_Dir/Nxt
US17
US16
USB_Data
US15
US16
US15
US17
USB_Clk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com