Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H5GQ1H24AFR-R0C Datasheet(PDF) 63 Page - Hynix Semiconductor

Part # H5GQ1H24AFR-R0C
Description  1Gb (32Mx32) GDDR5 SGRAM
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ1H24AFR-R0C Datasheet(HTML) 63 Page - Hynix Semiconductor

Back Button H5GQ1H24AFR-R0C Datasheet HTML 59Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 60Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 61Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 62Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 63Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 64Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 65Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 66Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 67Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 173 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.0 /Nov. 2009
63
H5GQ1H24AFR
 5. OPERATION
 5.1. COMMANDS
Notes:
1) H = Logic High Level; L = Logic Low Level; X = Don’t care: signal may be H or L, but not floating
2) Addresses shown are logical addresses; physical addresses are inverted when address bus inversion (ABI) is activated and ABI#=L
3) BA0‐BA3 provide the Mode Register address (MRA), A0‐A11 the opcode to be loaded
4) BA0‐BA3 provide the bank address (BA), A0‐A11 (A12) provide the row address (RA).
5) BA0‐BA3 provide the bank address, A0‐A5 (A6) provide the column address (CA); no sub‐word addressing within a burst of 8.
6) The command is Refresh when CKE#(n) = L and Self Refresh Entry when CKE#(n) = H.
7) BA0‐BA3 and CA are used to select burst location and data respectively
8) DESELECT and NOP are functionally interchangeable
9) In address training mode READ is decoded from the commands pins only with RAS# = H, CAS# = L, WE# = H
Table 16  Truth Table ‐ Commands
Operation
Symbol
CKE#
CS#
RAS# CAS# WE#
BA
A11
A10
A8
A6, 
A7,
A9, 
(A12)
A0‐
A5
(A6)
Notes
Previous 
cycle
Current 
cycle
DESELECT (NOP)
DES
L
X
H
X
X
X
XXX
X
X
X
1, 2, 8
NO OPERATION (NOP)
NOP
L
X
L
H
H
H
XXX
X
X
X
1, 2, 8
MODE REGISTER SET
MRS
L
L
L
L
L
L
MRA
Opcode
1, 2, 3
ACTIVE (Select bank & 
activate row)
ACT
L
L
L
L
H
H
BA
RA
1, 2, 4
READ (Select bank and 
column, & start burst)
RD
L
L
LH
LH
BA
LLL
X
CA
1, 2, 5, 
9
READ with Autoprecharge
RDA
L
L
L
H
L
H
BA
L
L
H
X
CA
1, 2, 5
Load FIFO
LDFF
L
L
LH
LH
X
H
LL
X
X
1, 2, 7
READ Training
RDTR
L
L
LH
LH
X
H
H
L
X
X
1, 2
WRITE without Mask  
(Select bank and column, & 
start burst)
WOM
L
L
H
L
L
BA
LLL
X
CA
1, 2, 5
WRITE without Mask with 
Autoprecharge
WOMA
L
L
LH
L
L
BA
LL
H
X
CA
1, 2, 5
WRITE with single‐byte 
mask
WSM
L
L
L
H
L
L
BA
L
H
L
X
CA
1, 2, 5
WRITE with single‐byte 
mask with Autoprecharge
WSMA
L
L
L
H
L
L
BA
L
H
H
X
CA
1, 2, 5
WRITE with double‐byte 
mask (WDM)
WDM
L
L
L
H
L
L
BA
H
L
L
X
CA
1, 2, 5
WRITE with double‐byte 
mask with Autoprecharge
WDMA
L
L
L
H
L
L
BA
H
L
H
X
CA
1, 2, 5
WRITE Training
WRTR
L
L
L
H
L
L
X
H
H
L
X
X
1, 2
PRECHARGE (Deactivate 
row in bank or banks)
PRE
L
L
L
L
H
L
BA
X
X
L
X
X
1, 2
PRECHARGE ALL
PREALL
L
L
L
L
H
L
X
X
X
H
X
X
1, 2
REFRESH
REF
L
L
L
L
L
H
XXX
X
X
X
1, 6
POWER DOWN ENTRY
PDE
L
H
H
X
X
X
XXX
X
X
X
1
L
H
H
H
XXX
X
X
X
1
POWER DOWN EXIT
PDX
H
L
H
X
X
X
XXX
X
X
X
1
LHH
H
SELF REFRESH ENTRY
SRE
L
H
L
L
L
H
XXX
X
X
X
1, 6
SELF REFRESH EXIT
SRX
H
L
H
X
X
X
XXX
X
X
X
1
LHH
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com