Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H5GQ1H24AFR-R0C Datasheet(PDF) 32 Page - Hynix Semiconductor

Part # H5GQ1H24AFR-R0C
Description  1Gb (32Mx32) GDDR5 SGRAM
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ1H24AFR-R0C Datasheet(HTML) 32 Page - Hynix Semiconductor

Back Button H5GQ1H24AFR-R0C Datasheet HTML 28Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 29Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 30Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 31Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 32Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 33Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 34Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 35Page - Hynix Semiconductor H5GQ1H24AFR-R0C Datasheet HTML 36Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 173 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.0 /Nov. 2009
32
H5GQ1H24AFR
 3.4. READ TRAINING
Read training allows the memory controller to find the data‐eye center (symbol training) and burst frame 
location (frame training) for each high‐speed output of the GDDR5 SGRAM. Each pin (DQ0‐DQ31, DBI0#‐
DBI3#, EDC0‐EDC3) can be individually trained during this sequence.
For Read Training the following conditions must be true:
•at least one bank is active, or an auto refresh must be in progress and bit A2 in Mode Register 5 (MR5) is set to 0 to 
allow training during auto refresh (to disable this special REF enabling of the WCK clock tree an ACT command 
must be issued, or the device must be set into power‐down or self refresh mode)
•WCK2CK training must be complete 
•the PLL must be locked, if enabled
•RDBI and WDBI must be enabled prior to and during Read Training if the training shall include the DBI# pins. 
RDCRC and WRCRC must be enabled prior to and during Read Training if the training shall include the EDC 
pins.
The following commands are associated with Read Training:
•LDFF to preload the Read FIFO;
•RDTR to read a burst of data directly out of the Read FIFO.
Neither LDFF nor RDTR access the memory core. No MRS is required to enter Read Training.
Figure 16 shows an example of the internal data paths used with LDFF and RDTR. Table 13 lists AC timing 
parameters associated with Read Training.
Table 13   LDFF and RDTR TIMINGS
PARAMETER
SYMBOL
VALUES
UNIT NOTES
MIN
MAX
ACTIVE to LDFF command delay
tRCDLTR
10
ns
ACTIVE to RDTR command delay
tRCDRTR
10
ns
REFRESH to RDTR or WRTR command delay
tREFTR
10
ns
RDTR to RDTR command delay
tCCDS
2–
tCK
LDFF to LDFF command cycle time
tLTLTR
4–
tCK
LDFF(111) to LDFF command cycle time
tLTL7TR
4–
tCK
a
a.
The min. value does not exceed 8 tCK.
LDFF(111) to RDTR command delay
tLTRTR
4–
tCK
READ or RDTR to LDFF command delay
tRDTLT
4–
tCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com