Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8S208MBT3B Datasheet(PDF) 55 Page - STMicroelectronics

Part # STM8S208MBT3B
Description  Performance line, 24 MHz STM8S 8-bit MCU, up to 128 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, 2 UARTs, SPI, I²C, CAN
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S208MBT3B Datasheet(HTML) 55 Page - STMicroelectronics

Back Button STM8S208MBT3B Datasheet HTML 51Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 52Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 53Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 54Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 55Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 56Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 57Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 58Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 103 page
background image
STM8S207xx, STM8S208xx
Electrical characteristics
Doc ID 14733 Rev 9
55/103
Table 16.
Current characteristics
Symbol
Ratings
Max.(1)
1.
Data based on characterization results, not tested in production.
Unit
IVDD
Total current into VDD power lines (source)
(2)
2.
All power (VDD, VDDIO, VDDA) and ground (VSS, VSSIO, VSSA) pins must always be connected to the
external supply.
60
mA
IVSS
Total current out of VSS ground lines (sink)
(2)
60
IIO
Output current sunk by any I/O and control pin
20
Output current source by any I/Os and control pin
20
ΣIIO
Total output current sourced (sum of all I/O and control pins)
for devices with two VDDIO pins
(3)
3.
I/O pins used simultaneously for high current source/sink must be uniformly spaced around the package
between the VDDIO/VSSIO pins.
200
Total output current sourced (sum of all I/O and control pins)
for devices with one VDDIO pin
(3)
100
Total output current sunk (sum of all I/O and control pins) for
devices with two VSSIO pins
(3)
160
Total output current sunk (sum of all I/O and control pins) for
devices with one VSSIO pin
(3)
80
IINJ(PIN)
(4)(5)
4.
IINJ(PIN) must never be exceeded. This is implicitly insured if VIN maximum is respected. If VIN maximum
cannot be respected, the injection current must be limited externally to the IINJ(PIN) value. A positive
injection is induced by VIN>VDD while a negative injection is induced by VIN<VSS. For true open-drain pads,
there is no positive injection current, and the corresponding VIN maximum must always be respected
5.
Negative injection disturbs the analog performance of the device. See note in Section 10.3.10: 10-bit ADC
characteristics on page 83.
Injected current on NRST pin
±4
Injected current on OSCIN pin
±4
Injected current on any other pin(6)
6.
When several inputs are submitted to a current injection, the maximum
ΣI
INJ(PIN) is the absolute sum of the
positive and negative injected currents (instantaneous values). These results are based on
characterization with
ΣIINJ(PIN) maximum current injection on four I/O port pins of the device.
±4
ΣIINJ(PIN)(4)
Total injected current (sum of all I/O and control pins)(6)
±20
Table 17.
Thermal characteristics
Symbol
Ratings
Value
Unit
TSTG
Storage temperature range
-65 to 150
°C
TJ
Maximum junction temperature
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com