Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8S208MBT3B Datasheet(PDF) 33 Page - STMicroelectronics

Part # STM8S208MBT3B
Description  Performance line, 24 MHz STM8S 8-bit MCU, up to 128 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, 2 UARTs, SPI, I²C, CAN
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S208MBT3B Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STM8S208MBT3B Datasheet HTML 29Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 30Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 31Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 32Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 33Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 34Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 35Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 36Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 103 page
background image
STM8S207xx, STM8S208xx
Memory and register map
Doc ID 14733 Rev 9
33/103
6
Memory and register map
6.1
Memory map
Figure 8.
Memory map
GPIO and peripheral registers
0x00 0000
Reserved
Flash program memory
(64 to 128 Kbytes)
32 interrupt vectors
0x00 4000
0x00 47FF
RAM
0x00 17FF
(up to 6 Kbytes)
1024 bytes stack
Up to 2 Kbytes data EEPROM
0x00 4800
0x00 487F
Option bytes
0x00 5000
0x00 57FF
0x00 5800
0x00 7FFF
0x00 8000
0x02 7FFF
(see Table 8 and Table 9)
0x00 1800
0x00 3FFF
0x00 4900
0x00 4FFF
2 Kbytes boot ROM
0x00 6000
0x00 67FF
0x00 6800
0x00 7EFF
0x00 8080
0x00 807F
CPU/SWIM/debug/ITC
(see Table 10
)
registers
0x00 7F00
0x00 5FFF
Reserved
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com