Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8S208MBT3B Datasheet(PDF) 39 Page - STMicroelectronics

Part # STM8S208MBT3B
Description  Performance line, 24 MHz STM8S 8-bit MCU, up to 128 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, 2 UARTs, SPI, I²C, CAN
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S208MBT3B Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STM8S208MBT3B Datasheet HTML 35Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 36Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 37Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 38Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 39Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 40Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 41Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 42Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 103 page
background image
STM8S207xx, STM8S208xx
Memory and register map
Doc ID 14733 Rev 9
39/103
0x00 5230
UART1
UART1_SR
UART1 status register
0xC0
0x00 5231
UART1_DR
UART1 data register
xx
0x00 5232
UART1_BRR1
UART1 baud rate register 1
0x00
0x00 5233
UART1_BRR2
UART1 baud rate register 2
0x00
0x00 5234
UART1_CR1
UART1 control register 1
0x00
0x00 5235
UART1_CR2
UART1 control register 2
0x00
0x00 5236
UART1_CR3
UART1 control register 3
0x00
0x00 5237
UART1_CR4
UART1 control register 4
0x00
0x00 5238
UART1_CR5
UART1 control register 5
0x00
0x00 5239
UART1_GTR
UART1 guard time register
0x00
0x00 523A
UART1_PSCR
UART1 prescaler register
0x00
0x00 523B to
0x00 523F
Reserved area (5 bytes)
0x00 5240
UART3
UART3_SR
UART3 status register
C0h
0x00 5241
UART3_DR
UART3 data register
xx
0x00 5242
UART3_BRR1
UART3 baud rate register 1
0x00
0x00 5243
UART3_BRR2
UART3 baud rate register 2
0x00
0x00 5244
UART3_CR1
UART3 control register 1
0x00
0x00 5245
UART3_CR2
UART3 control register 2
0x00
0x00 5246
UART3_CR3
UART3 control register 3
0x00
005247
UART3_CR4
UART3 control register 4
0x00
0x00 5248
Reserved
0x00 5249
UART3_CR6
UART3 control register 6
0x00
0x00 524A to
0x00 524F
Reserved area (6 bytes)
Table 9.
General hardware register map (continued)
Address
Block
Register label
Register name
Reset
status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com