Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8S208MBT3B Datasheet(PDF) 27 Page - STMicroelectronics

Part # STM8S208MBT3B
Description  Performance line, 24 MHz STM8S 8-bit MCU, up to 128 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, 2 UARTs, SPI, I²C, CAN
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S208MBT3B Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STM8S208MBT3B Datasheet HTML 23Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 24Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 25Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 26Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 27Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 28Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 29Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 30Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 103 page
background image
STM8S207xx, STM8S208xx
Pinouts and pin description
Doc ID 14733 Rev 9
27/103
Figure 7.
LQFP 32-pin pinout
1.
(HS) high sink capability.
2.
[ ] alternate function remapping option (If the same alternate function is shown twice, it indicates an exclusive choice not a
duplication of the function).
Table 5.
Legend/abbreviations
Type
I= Input, O = Output, S = Power supply
Level
Input
CM = CMOS
Output
HS = High sink
Output speed
O1 = Slow (up to 2 MHz)
O2 = Fast (up to 10 MHz)
O3 = Fast/slow programmability with slow as default state after reset
O4 = Fast/slow programmability with fast as default state after reset
Port and control
configuration
Input
float = floating, wpu = weak pull-up
Output
T = True open drain, OD = Open drain, PP = Push pull
Reset state
Bold X
32 31 30 29 28 27 26 25
24
23
22
21
20
19
18
17
9 1011 12 1314 1516
1
2
3
4
5
6
7
8
VCAP
VDD
VDDIO
AIN12/PF4
NRST
OSCIN/PA1
OSCOUT/PA2
VSS
PC3 (HS)/TIM1_CH3
PC2 (HS)/TIM1_CH2
PC1 (HS)/TIM1_CH1
PE5/SPI_NSS
PC7 (HS)/SPI_MISO
PC6 (HS)/SPI_MOSI
PC5 (HS)/SPI_SCK
PC4 (HS)/TIM1_CH4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com