Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8S208MBT3B Datasheet(PDF) 15 Page - STMicroelectronics

Part # STM8S208MBT3B
Description  Performance line, 24 MHz STM8S 8-bit MCU, up to 128 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, 2 UARTs, SPI, I²C, CAN
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S208MBT3B Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STM8S208MBT3B Datasheet HTML 11Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 12Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 13Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 14Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 15Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 16Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 17Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 18Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 103 page
background image
STM8S207xx, STM8S208xx
Product overview
Doc ID 14733 Rev 9
15/103
4.4
Flash program and data EEPROM memory
●
Up to 128 Kbytes of high density Flash program single voltage Flash memory
●
Up to 2K bytes true data EEPROM
●
Read while write: Writing in data memory possible while executing code in program
memory.
●
User option byte area
Write protection (WP)
Write protection of Flash program memory and data EEPROM is provided to avoid
unintentional overwriting of memory that could result from a user software malfunction.
There are two levels of write protection. The first level is known as MASS (memory access
security system). MASS is always enabled and protects the main Flash program memory,
data EEPROM and option bytes.
To perform in-application programming (IAP), this write protection can be removed by writing
a MASS key sequence in a control register. This allows the application to write to data
EEPROM, modify the contents of main program memory or the device option bytes.
A second level of write protection, can be enabled to further protect a specific area of
memory known as UBC (user boot code). Refer to Figure 2.
The size of the UBC is programmable through the UBC option byte (Table 13.), in
increments of 1 page (512 bytes) by programming the UBC option byte in ICP mode.
This divides the program memory into two areas:
●
Main program memory: Up to 128 Kbytes minus UBC
●
User-specific boot code (UBC): Configurable up to 128 Kbytes
The UBC area remains write-protected during in-application programming. This means that
the MASS keys do not unlock the UBC area. It protects the memory used to store the boot
program, specific code libraries, reset and interrupt vectors, the reset routine and usually the
IAP and communication routines.
Figure 2.
Flash memory organisation
Programmable area from 1 Kbyte
Data
UBC area
Program memory area
Data memory area (2 Kbytes)
(2 first pages) up to 128 Kbytes
EEPROM
Remains write protected during IAP
memory
128 Kbytes
Flash
Up to
Write access possible for IAP
program
memory
(1 page steps)
Option bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com