Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8S208MBT3B Datasheet(PDF) 28 Page - STMicroelectronics

Part # STM8S208MBT3B
Description  Performance line, 24 MHz STM8S 8-bit MCU, up to 128 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, 2 UARTs, SPI, I²C, CAN
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S208MBT3B Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STM8S208MBT3B Datasheet HTML 24Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 25Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 26Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 27Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 28Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 29Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 30Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 31Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 103 page
background image
Pinouts and pin description
STM8S207xx, STM8S208xx
28/103
Doc ID 14733 Rev 9
Table 6.
Pin description
Pin number
Pin name
Input
Output
Default
alternate
function
Alternate
function
after remap
[option bit]
1
111
1 NRST
I/O
X
Reset
2
2
2
2
2 PA1/OSCIN
I/O X
XO1
X
X
Port A1
Resonator/
crystal in
3
3
3
3
3 PA2/OSCOUT
I/O X
XX
O1
X
X
Port A2
Resonator/
crystal out
4
444
-
VSSIO_1
S
I/O ground
5
555
4 VSS
S
Digital ground
6
6
6
6
5 VCAP
S
1.8 V regulator capacitor
7
777
6 VDD
S
Digital power supply
8
888
7 VDDIO_1
S
I/O power supply
9
9
9
-
-
PA3/TIM2_CH3
I/O X
XX
O1
X
X
Port A3
Timer 2 -
channel3
TIM3_CH1
[AFR1]
10 10 10
9
-
PA4/UART1_RX(1) I/O X
XX
HS O3
X
X
Port A4 UART1 receive
11 11 11 10
-
PA5/UART1_TX
I/O X
XX
HS O3
X
X
Port A5
UART1
transmit
12 12 12 11
-
PA6/UART1_CK
I/O X
XX
HS O3
X
X
Port A6
UART1
synchronous
clock
13
--
--
PH0
I/O X
XHS O3
X
X
Port H0
14
--
--
PH1
I/O X
XHS O3
X
X
Port H1
15
--
--
PH2
I/O X
XO1
X
X
Port H2
16
--
--
PH3
I/O X
XO1
X
X
Port H3
17 13
-
-
-
PF7/AIN15
I/O X
XO1
X
X
Port F7
Analog
input 15
18 14
-
-
-
PF6/AIN14
I/O X
XO1
X
X
Port F6
Analog
input 14
19 15
-
-
-
PF5/AIN13
I/O X
XO1
X
X
Port F5
Analog
input 13
20 16
-
-
8 PF4/AIN12
I/O X
XO1
X
X
Port F4
Analog
input 12
21 17
-
-
-
PF3/AIN11
I/O X
XO1
X
X
Port F3
Analog
input 11
22 18
-
-
-
VREF+
S
ADC positive reference
voltage
23 19 13 12
9 VDDA
S
Analog power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com