Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8S208MBT3B Datasheet(PDF) 22 Page - STMicroelectronics

Part # STM8S208MBT3B
Description  Performance line, 24 MHz STM8S 8-bit MCU, up to 128 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, 2 UARTs, SPI, I²C, CAN
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S208MBT3B Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STM8S208MBT3B Datasheet HTML 18Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 19Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 20Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 21Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 22Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 23Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 24Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 25Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 103 page
background image
Product overview
STM8S207xx, STM8S208xx
22/103
Doc ID 14733 Rev 9
4.14.4
I2C
●
I2C master features:
–
Clock generation
–
Start and stop generation
●
I2C slave features:
–
Programmable I2C address detection
–
Stop bit detection
●
Generation and detection of 7-bit/10-bit addressing and general call
●
Supports different communication speeds:
–
Standard speed (up to 100 kHz)
–
Fast speed (up to 400 kHz)
4.14.5
beCAN
The beCAN controller (basic enhanced CAN), interfaces the CAN network and supports the
CAN protocol version 2.0A and B. It has been designed to manage a high number of
incoming messages efficiently with a minimum CPU load.
For safety-critical applications the beCAN controller provides all hardware functions to
support the CAN time triggered communication option (TTCAN).
The maximum transmission speed is 1 Mbit.
Transmission
●
Three transmit mailboxes
●
Configurable transmit priority by identifier or order request
●
Time stamp on SOF transmission
Reception
●
8-, 11- and 29-bit ID
●
One receive FIFO (3 messages deep)
●
Software-efficient mailbox mapping at a unique address space
●
FMI (filter match index) stored with message
●
Configurable FIFO overrun
●
Time stamp on SOF reception
●
Six filter banks, 2 x 32 bytes (scalable to 4 x 16-bit) each, enabling various masking
configurations, such as 12 filters for 29-bit ID or 48 filters for 11-bit ID
●
Filtering modes:
–
Mask mode permitting ID range filtering
–
ID list mode
●
Time triggered communication option
–
Disable automatic retransmission mode
–
16-bit free running timer
–
Configurable timer resolution
–
Time stamp sent in last two data bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com