Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8S208MBT3B Datasheet(PDF) 56 Page - STMicroelectronics

Part # STM8S208MBT3B
Description  Performance line, 24 MHz STM8S 8-bit MCU, up to 128 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, 2 UARTs, SPI, I²C, CAN
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S208MBT3B Datasheet(HTML) 56 Page - STMicroelectronics

Back Button STM8S208MBT3B Datasheet HTML 52Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 53Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 54Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 55Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 56Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 57Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 58Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 59Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 103 page
background image
Electrical characteristics
STM8S207xx, STM8S208xx
56/103
Doc ID 14733 Rev 9
10.3
Operating conditions
The device must be used in operating conditions that respect the parameters in Table 18. In
addition, full account must be taken of all physical capacitor characteristics and tolerances.
Table 18.
General operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
fCPU
Internal CPU clock frequency
TA ≤ 105 °C
0
24
MHz
0
16
MHz
VDD/VDD_IO Standard operating voltage
2.95
5.5
V
VCAP
CEXT: capacitance of
external capacitor(1)
1.
Care should be taken when selecting the capacitor, due to its tolerance, as well as its dependency on
temperature, DC bias and frequency in addition to other factors.
At 1 MHz
470
3300
nF
ESR of external capacitor(1)
0.3
Ohm
ESR of external capacitor(1)
15
nH
PD
(2)
2.
To calculate PDmax(TA), use the formula PDmax = (TJmax - TA)/ΘJA (see Section 11.2: Thermal
characteristics on page 96) with the value for TJmax given in Table 18 above and the value for
Θ
JA given in
Table 57: Thermal characteristics.
Power dissipation at
TA = 85° C for suffix 6
or TA = 125° C for suffix 3
44, 48, 64, and 80-pin
devices, with output on 8
standard ports, 2 high sink
ports and 2 open drain ports
simultaneously(3)
3.
Refer to Section 11.2: Thermal characteristics on page 96 for the calculation method.
443
mW
32-pin package, with output
on 8 standard ports and 2
high sink ports
simultaneously(3)
360
TA
Ambient temperature for 6
suffix version
Maximum power dissipation
-40
85
°C
Ambient temperature for 3
suffix version
Maximum power dissipation
-40
125
TJ
Junction temperature range
6 suffix version
-40
105
3 suffix version
-40
130(4)
4.
TJmax is given by the test limit. Above this value the product behavior is not guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com