Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8S208MBT3B Datasheet(PDF) 47 Page - STMicroelectronics

Part # STM8S208MBT3B
Description  Performance line, 24 MHz STM8S 8-bit MCU, up to 128 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, 2 UARTs, SPI, I²C, CAN
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S208MBT3B Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STM8S208MBT3B Datasheet HTML 43Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 44Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 45Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 46Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 47Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 48Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 49Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 50Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 103 page
background image
STM8S207xx, STM8S208xx
Option bytes
Doc ID 14733 Rev 9
47/103
8
Option bytes
Option bytes contain configurations for device hardware features as well as the memory
protection of the device. They are stored in a dedicated block of the memory. Except for the
ROP (read-out protection) byte, each option byte has to be stored twice, in a regular form
(OPTx) and a complemented one (NOPTx) for redundancy.
Option bytes can be modified in ICP mode (via SWIM) by accessing the EEPROM address
shown in Table 12: Option bytes below. Option bytes can also be modified ‘on the fly’ by the
application in IAP mode, except the ROP option that can only be modified in ICP mode (via
SWIM).
Refer to the STM8S Flash programming manual (PM0051) and STM8 SWIM
communication protocol and debug module user manual (UM0470) for information on SWIM
programming procedures.
Table 12.
Option bytes
Addr.
Option
name
Option
byte no.
Option bits
Factory
default
setting
7654
3
2
1
0
4800h
Read-out
protection
(ROP)
OPT0
ROP[7:0]
00h
4801h
User boot
code(UBC)
OPT1
UBC[7:0]
00h
4802h
NOPT1
NUBC[7:0]
FFh
4803h
Alternate
function
remapping
(AFR)
OPT2
AFR7
AFR6
AFR5
AFR4
AFR3
AFR2
AFR1
AFR0
00h
4804h
NOPT2
NAFR7
NAFR6
NAFR5
NAFR4
NAFR3
NAFR2
NAFR1
NAFR0
FFh
4805h
Watchdog
option
OPT3
Reserved
LSI
_EN
IWDG
_HW
WWDG
_HW
WWDG
_HALT
00h
4806h
NOPT3
Reserved
NLSI
_EN
NIWDG
_HW
NWWDG
_HW
NWWDG
_HALT
FFh
4807h
Clock option
OPT4
Reserved
EXT
CLK
CKAWU
SEL
PRS
C1
PRS
C0
00h
4808h
NOPT4
Reserved
NEXT
CLK
NCKAWUS
EL
NPR
SC1
NPR
SC0
FFh
4809h
HSE clock
startup
OPT5
HSECNT[7:0]
00h
480Ah
NOPT5
NHSECNT[7:0]
FFh
480Bh
Reserved
OPT6
Reserved
00h
480Ch
NOPT6
Reserved
FFh
480Dh
Flash wait
states
OPT7
Reserved
Wait state
00h
480Eh
NOPT7
Reserved
Nwait state
FFh
487Eh
Bootloader
OPTBL
BL[7:0]
00h
487Fh
NOPTBL
NBL[7:0]
FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com