Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8S208MBT3B Datasheet(PDF) 61 Page - STMicroelectronics

Part # STM8S208MBT3B
Description  Performance line, 24 MHz STM8S 8-bit MCU, up to 128 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, 2 UARTs, SPI, I²C, CAN
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S208MBT3B Datasheet(HTML) 61 Page - STMicroelectronics

Back Button STM8S208MBT3B Datasheet HTML 57Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 58Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 59Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 60Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 61Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 62Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 63Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 64Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 103 page
background image
STM8S207xx, STM8S208xx
Electrical characteristics
Doc ID 14733 Rev 9
61/103
Total current consumption in active halt mode
Table 24.
Total current consumption in active halt mode at VDD = 5 V, TA -40 to 85° C
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
Main voltage
regulator
(MVR)(2)
Flash mode(3)
Clock source
IDD(AH)
Supply current in
active halt mode
On
Operating mode
HSE crystal oscillator
(16 MHz)
1000
µA
LSI RC oscillator
(128 kHz)
200
260
Powerdown mode
HSE crystal oscillator
(16 MHz)
940
LSI RC oscillator
(128 kHz)
140
Off
Operating mode
LSI RC oscillator
128 kHz)
68
Powerdown mode
11
45
1.
Data based on characterization results, not tested in production.
2.
Configured by the REGAH bit in the CLK_ICKR register.
3.
Configured by the AHALT bit in the FLASH_CR1 register.
Table 25.
Total current consumption in active halt mode at VDD = 3.3 V
Symbol
Parameter
Conditions
Typ(1)
Unit
Main voltage
regulator
(MVR)(2)
Flash mode(3)
Clock source
IDD(AH)
Supply current in
active halt mode
On
Operating mode
HSE crystal osc. (16 MHz)
600
µA
LSI RC osc. (128 kHz)
200
Powerdown mode
HSE crystal osc. (16 MHz)
540
LSI RC osc. (128 kHz)
140
Off
Operating mode
LSI RC osc. (128 kHz)
66
Powerdown mode
9
1.
Data based on characterization results, not tested in production.
2.
Configured by the REGAH bit in the CLK_ICKR register.
3.
Configured by the AHALT bit in the FLASH_CR1 register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com