Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8S208MBT3B Datasheet(PDF) 76 Page - STMicroelectronics

Part # STM8S208MBT3B
Description  Performance line, 24 MHz STM8S 8-bit MCU, up to 128 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, 2 UARTs, SPI, I²C, CAN
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S208MBT3B Datasheet(HTML) 76 Page - STMicroelectronics

Back Button STM8S208MBT3B Datasheet HTML 72Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 73Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 74Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 75Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 76Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 77Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 78Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 79Page - STMicroelectronics STM8S208MBT3B Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 103 page
background image
Electrical characteristics
STM8S207xx, STM8S208xx
76/103
Doc ID 14733 Rev 9
Figure 32.
Typ. VDD - VOH @ VDD = 3.3 V (high sink ports)
10.3.7
Reset pin characteristics
Subject to general operating conditions for VDD and TA unless otherwise specified.
Figure 33.
Typical NRST VIL and VIH vs VDD @ 4 temperatures
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
02
46
8
10
12
14
-40˚C
25˚C
85˚C
125˚C
IOL [mA]
Table 41.
NRST pin characteristics
Symbol
Parameter
Conditions
Min
Typ 1)
Max
Unit
VIL(NRST)
NRST Input low level voltage (1)
-0.3 V
0.3 x VDD
V
VIH(NRST)
NRST Input high level voltage (1)
0.7 x VDD
VDD + 0.3
VOL(NRST)
NRST Output low level voltage (1)
IOL= 2 mA
0.5
RPU(NRST)
NRST Pull-up resistor (2)
30
40
60
k
Ω
tIFP(NRST)
NRST Input filtered pulse (3)
75
ns
tINFP(NRST)
NRST Input not filtered pulse (3)
500
ns
tOP(NRST)
NRST output pulse (1)
15
µs
1.
Data based on characterization results, not tested in production.
2.
The RPU pull-up equivalent resistor is based on a resistive transistor
3.
Data guaranteed by design, not tested in production.
0
1
2
3
4
5
6
2.5
3
3.5
4
4.5
5
5.5
6
-40˚C
25˚C
85˚C
125˚C
VDD [V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com