Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1934-E/SP Datasheet(PDF) 20 Page - Microchip Technology

Part # PIC16F1934-E/SP
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/SP Datasheet(HTML) 20 Page - Microchip Technology

Back Button PIC16F1934-E/SP Datasheet HTML 16Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 17Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 18Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 19Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 20Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 21Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 22Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 23Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 418 page
background image
PIC16F193X/LF193X
DS41364A-page 18
Preliminary
© 2008 Microchip Technology Inc.
RC4/SDI/SDA/T1G(1)/SEG11
RC4
ST
CMOS General purpose I/O.
SDI
ST
—
SPI data input.
SDA
I2COD
I2C™ data input/output.
T1G
ST
—
Timer1 Gate input.
SEG11
—
AN
LCD Analog output.
RC5/SDO/SEG10
RC5
ST
CMOS General purpose I/O.
SDO
—
CMOS SPI data output.
SEG10
—
AN
LCD Analog output.
RC6/TX/CK/CCP3/P3A/SEG9
RC6
ST
CMOS General purpose I/O.
TX
—
CMOS USART asynchronous transmit.
CK
ST
CMOS USART synchronous clock.
CCP3
ST
CMOS Capture/Compare/PWM3.
P3A
—
CMOS PWM output.
SEG9
—
AN
LCD Analog output.
RC7/RX/DT/P3B/SEG8
RC7
ST
CMOS General purpose I/O.
RX
ST
—
USART asynchronous input.
DT
ST
CMOS USART synchronous data.
P3B
—
CMOS PWM output.
SEG8
—
AN
LCD Analog output.
RD0(4)/CPS8/COM3
RD0
ST
CMOS General purpose I/O.
CPS8
AN
—
Capacitive sensing input 8.
COM3
—
AN
LCD analog output.
RD1(4)/CPS9/CCP4
RD1
ST
CMOS General purpose I/O.
CPS9
AN
—
Capacitive sensing input 9.
CCP4
ST
CMOS Capture/Compare/PWM4.
RD2(4)/CPS10/P2B
RD2
ST
CMOS General purpose I/O.
CPS10
AN
—
Capacitive sensing input 10.
P2B
—
CMOS PWM output.
RD3(4)/CPS11/P2C/SEG16
RD3
ST
CMOS General purpose I/O.
CPS11
AN
—
Capacitive sensing input 11.
P2C
—
CMOS PWM output.
SEG16
—
AN
LCD analog output.
RD4(4)/CPS12/P2D/SEG17
RD4
ST
CMOS General purpose I/O.
CPS12
AN
—
Capacitive sensing input 12.
P2D
—
CMOS PWM output.
SEG17
—
AN
LCD analog output.
RD5(4)/CPS13/P1B/SEG18
RD5
ST
CMOS General purpose I/O.
CPS13
AN
—
Capacitive sensing input 13.
P1D
—
CMOS PWM output.
SEG18
—
AN
LCD analog output.
TABLE 1-1:
PIC16F193X/LF193X PINOUT DESCRIPTION (CONTINUED)
Name
Function
Input
Type
Output
Type
Description
Legend: AN = Analog input or output
CMOS = CMOS compatible input or output
OD
= Open Drain
TTL = TTL compatible input
ST
= Schmitt Trigger input with CMOS levels I2C™ = Schmitt Trigger input with I2C
HV = High Voltage
XTAL = Crystal
levels
Note
1:
Pin function is selectable via the APFCON register.
2:
PIC16F193X devices only.
3:
PIC16F1933/1936/1938/PIC16LF1933/1936/1938 devices only.
4:
PORTD is available on PIC16F1934/1937/1939/PIC16LF1934/1937/1939 devices only.
5:
RE<2:0> are available on PIC16F1934/1937/1939/PIC16LF1934/1937/1939 devices only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com