Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1934-E/SP Datasheet(PDF) 45 Page - Microchip Technology

Part # PIC16F1934-E/SP
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/SP Datasheet(HTML) 45 Page - Microchip Technology

Back Button PIC16F1934-E/SP Datasheet HTML 41Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 42Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 43Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 44Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 45Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 46Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 47Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 48Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 418 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS41364A-page 43
PIC16F193X/LF193X
Bank 8
400h(2)
INDF0
Addressing this location uses contents of FSR0H/FSR0L to address data memory
(not a physical register)
xxxx xxxx xxxx xxxx
401h(2)
INDF1
Addressing this location uses contents of FSR1H/FSR1L to address data memory
(not a physical register)
xxxx xxxx xxxx xxxx
402h(2)
PCL
Program Counter (PC) Least Significant Byte
0000 0000 0000 0000
403h(2)
STATUS
—
—
—TO
PD
ZDC
C
---1 1000 ---q quuu
404h(2)
FSR0L
Indirect Data Memory Address 0 Low Pointer
0000 0000 uuuu uuuu
405h(2)
FSR0H
Indirect Data Memory Address 0 High Pointer
0000 0000 0000 0000
406h(2)
FSR1L
Indirect Data Memory Address 1 Low Pointer
0000 0000 uuuu uuuu
407h(2)
FSR1H
Indirect Data Memory Address 1 High Pointer
0000 0000 0000 0000
408h(2)
BSR
—
—
—
BSR4
BSR3
BSR2
BSR1
BSR0
---0 0000 ---0 0000
409h(2)
WREG
Working Register
0000 0000 uuuu uuuu
40Ah(1, 2) PCLATH
—
Write Buffer for the upper 7 bits of the Program Counter
-000 0000 -000 0000
40Bh(2)
INTCON
GIE
PEIE
TMR0IE
INTE
IOCIE
TMR0IF
INTF
IOCIF
0000 000x 0000 000u
40Ch
—
Unimplemented
—
—
40Dh
—
Unimplemented
—
—
40Eh
—
Unimplemented
—
—
40Fh
—
Unimplemented
—
—
410h
—
Unimplemented
—
—
411h
—
Unimplemented
—
—
412h
—
Unimplemented
—
—
413h
—
Unimplemented
—
—
414h
—
Unimplemented
—
—
415h
TMR4
Timer 4 Module Register
0000 0000 0000 0000
416h
PR4
Timer 4 Period Register
1111 1111 1111 1111
417h
T4CON
—
T4OUTPS3
T4OUTPS2
T4OUTPS1
T4OUTPS0
TMR4ON
T4CKPS1 T4CKPS0 -000 0000 -000 0000
418h
—
Unimplemented
—
—
419h
—
Unimplemented
—
—
41Ah
—
Unimplemented
—
—
41Bh
—
Unimplemented
—
—
41Ch
TMR6
Timer 6 Module Register
0000 0000 0000 0000
41Dh
PR6
Timer 6 Period Register
1111 1111 1111 1111
41Eh
T6CON
—
T6OUTPS3
T6OUTPS2
T6OUTPS1
T6OUTPS0
TMR6ON
T6CKPS1 T6CKPS0 -000 0000 -000 0000
41Fh
—
Unimplemented
—
—
TABLE 2-13:
SPECIAL FUNCTION REGISTER SUMMARY (CONTINUED)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Value on all
other
Resets
Legend:
x
= unknown, u = unchanged, q = value depends on condition, - = unimplemented, read as ‘0’, r = reserved.
Shaded locations are unimplemented, read as ‘0’.
Note 1:
The upper byte of the program counter is not directly accessible. PCLATH is a holding register for the PC<14:8>, whose contents are transferred
to the upper byte of the program counter.
2:
These registers can be addressed from any bank.
3:
These registers/bits are not implemented on PIC16F1933/1936/1938/PIC16LF1933/1936/1938 devices, read as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com