Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1934-E/SP Datasheet(PDF) 61 Page - Microchip Technology

Part # PIC16F1934-E/SP
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/SP Datasheet(HTML) 61 Page - Microchip Technology

Back Button PIC16F1934-E/SP Datasheet HTML 57Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 58Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 59Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 60Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 61Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 62Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 63Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 64Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 418 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS41364A-page 59
PIC16F193X/LF193X
3.1
MCLR
The PIC16F193X/LF193X has a noise filter in the
MCLR Reset path. The filter will detect and ignore
small pulses.
It should be noted that a Reset does not drive the
MCLR pin low.
Voltages applied to the pin that exceed its specification
can result in both MCLR Resets and excessive current
beyond the device specification during the ESD event.
For this reason, Microchip recommends that the MCLR
pin no longer be tied directly to VDD. The use of an RC
network, as shown in Figure 3-2, is suggested.
An internal MCLR option is enabled by clearing the
MCLRE bit in the Configuration Word register. When
MCLRE = 0, the Reset signal to the chip is generated
internally. When the MCLRE = 1, the RE3/MCLR pin
becomes an external Reset input. In this mode, the
RE3/MCLR pin has a weak pull-up to VDD. In-Circuit
Serial Programming is not affected by selecting the
internal MCLR option.
Low-voltage programming (LVP) mode will override
MCLRE.
FIGURE 3-2:
RECOMMENDED MCLR
CIRCUIT
3.2
Power-on Reset (POR)
The on-chip POR circuit holds the chip in Reset until VDD
has reached a high enough level for proper operation. A
maximum
rise
time
for
VDD
is
required.
See
Section 28.0 “Electrical Specifications” for details. If
the BOR is enabled, the maximum rise time specification
does not apply. The BOR circuitry will keep the device in
Reset until VDD reaches VBOR (see Section 3.5
“Brown-Out Reset (BOR)”).
When the device starts normal operation (exits the
Reset condition), device operating parameters (i.e.,
voltage, frequency, temperature, etc.) must be met to
ensure operation. If these conditions are not met, the
device must be held in Reset until the operating
conditions are met.
For additional information, refer to Application Note
AN607, “Power-up Trouble Shooting” (DS00607).
3.3
Power-up Timer (PWRT)
The Power-up Timer provides a fixed 64 ms (nominal)
time-out on power-up only, from POR or Brown-out
Reset. The Power-up Timer operates from the WDT
oscillator. For more information, see Section 8.5
“Internal Clock Modes”. The chip is kept in Reset as
long as PWRT is active. The PWRT delay allows the
VDD to rise to an acceptable level. A Configuration bit,
PWRTE, can disable (if set) or enable (if cleared or pro-
grammed) the Power-up Timer. The Power-up Timer
should be enabled when Brown-out Reset is enabled,
although it is not required.
The Power-up Timer delay will vary from chip-to-chip
and vary due to:
•VDD variation
• Temperature variation
• Process variation
See
DC
parameters
for
details
(Section 28.0
“Electrical Specifications”).
3.4
Watchdog Timer (WDT)
The WDT has the following features:
• Independent prescaler from Timer0
• Time-out period is from 1.024 ms to 268 seconds,
typical
• Enabled by Configuration bits WDTE<1:0>
• Can be disabled during Sleep
• Controlled by WDTCON register
WDT is cleared under certain conditions described in
Table 3-3.
3.4.1
WDT OSCILLATOR
The WDT derives its time base from the 31 kHz internal
oscillator.
VDD
PIC® MCU
MCLR
R1
10 k
Ω
C1
0.1
μF
Note:
The Power-up Timer is enabled by the
PWRTE bit in the Configuration Word.
Note:
When the Oscillator Start-up Timer (OST)
is invoked, the WDT is held in Reset.
When the OST count has expired, the
WDT will begin counting (if enabled).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com