Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1934-E/SP Datasheet(PDF) 88 Page - Microchip Technology

Part # PIC16F1934-E/SP
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/SP Datasheet(HTML) 88 Page - Microchip Technology

Back Button PIC16F1934-E/SP Datasheet HTML 84Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 85Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 86Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 87Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 88Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 89Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 90Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 91Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 92Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 418 page
background image
PIC16F193X/LF193X
DS41364A-page 86
Preliminary
© 2008 Microchip Technology Inc.
6.2.1
ANSELA REGISTER
The ANSELA register (Register 6-5) is used to
configure the Input mode of an I/O pin to analog.
Setting the appropriate ANSELA bit high will cause all
digital reads on the pin to be read as ‘0’ and allow
analog functions on the pin to operate correctly.
The state of the ANSELA bits has no affect on digital
output functions. A pin with TRIS clear and ANSEL set
will still operate as a digital output, but the Input mode
will be analog. This can cause unexpected behavior
when executing read-modify-write instructions on the
affected port.
REGISTER 6-4:
TRISA: PORTA TRI-STATE REGISTER
R/W-1/1
R/W-1/1
R/W-1/1
R/W-1/1
R/W-1/1
R/W-1/1
R/W-1/1
R/W-1/1
TRISA7
TRISA6
TRISA5
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-0
TRISA<7:0>: PORTA Tri-State Control bit
1
= PORTA pin configured as an input (tri-stated)
0
= PORTA pin configured as an output
REGISTER 6-5:
ANSELA: PORTA ANALOG SELECT REGISTER
U-0
U-0
R/W-1/1
R/W-1/1
R/W-1/1
R/W-1/1
R/W-1/1
R/W-1/1
—
—
ANSA5
ANSA4
ANSA3
ANSA2
ANSA1
ANSA0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-6
Unimplemented: Read as ‘0’
bit 5-0
ANSA<5:0>: Analog Select between Analog or Digital Function on pins RA<5:0>, respectively
0
= Digital I/O. Pin is assigned to port or digital special function.
1
= Analog input. Pin is assigned as analog input(1). Digital input buffer disabled.
Note 1:
When setting a pin to an analog input, the corresponding TRIS bit must be set to Input mode in order to
allow external control of the voltage on the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com