Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1934-E/SP Datasheet(PDF) 44 Page - Microchip Technology

Part # PIC16F1934-E/SP
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/SP Datasheet(HTML) 44 Page - Microchip Technology

Back Button PIC16F1934-E/SP Datasheet HTML 40Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 41Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 42Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 43Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 44Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 45Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 46Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 47Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 418 page
background image
PIC16F193X/LF193X
DS41364A-page 42
Preliminary
© 2008 Microchip Technology Inc.
Bank 7
380h(2)
INDF0
Addressing this location uses contents of FSR0H/FSR0L to address data memory
(not a physical register)
xxxx xxxx xxxx xxxx
381h(2)
INDF1
Addressing this location uses contents of FSR1H/FSR1L to address data memory
(not a physical register)
xxxx xxxx xxxx xxxx
382h(2)
PCL
Program Counter (PC) Least Significant Byte
0000 0000 0000 0000
383h(2)
STATUS
—
—
—TO
PD
ZDC
C
---1 1000 ---q quuu
384h(2)
FSR0L
Indirect Data Memory Address 0 Low Pointer
0000 0000 uuuu uuuu
385h(2)
FSR0H
Indirect Data Memory Address 0 High Pointer
0000 0000 0000 0000
386h(2)
FSR1L
Indirect Data Memory Address 1 Low Pointer
0000 0000 uuuu uuuu
387h(2)
FSR1H
Indirect Data Memory Address 1 High Pointer
0000 0000 0000 0000
388h(2)
BSR
—
—
—
BSR4
BSR3
BSR2
BSR1
BSR0
---0 0000 ---0 0000
389h(2)
WREG
Working Register
0000 0000 uuuu uuuu
38Ah(1, 2) PCLATH
—
Write Buffer for the upper 7 bits of the Program Counter
-000 0000 -000 0000
38Bh(2)
INTCON
GIE
PEIE
TMR0IE
INTE
IOCIE
TMR0IF
INTF
IOCIF
0000 000x 0000 000u
38Ch
—
Unimplemented
—
—
38Dh
—
Unimplemented
—
—
38Eh
—
Unimplemented
—
—
38Fh
—
Unimplemented
—
—
390h
—
Unimplemented
—
—
391h
—
Unimplemented
—
—
392h
—
Unimplemented
—
—
393h
—
Unimplemented
—
—
394h
IOCBP
IOCBP7
IOCBP6
IOCBP5
IOCBP4
IOCBP3
IOCBP2
IOCBP1
IOCBP0
0000 0000 0000 0000
395h
IOCBN
IOCBN7
IOCBN6
IOCBN5
IOCBN4
IOCBN3
IOCBN2
IOCBN1
IOCBN0
0000 0000 0000 0000
396h
IOCBF
IOCBF7
IOCBF6
IOCBF5
IOCBF4
IOCBF3
IOCBF2
IOCBF1
IOCBF0
0000 0000 0000 0000
397h
—
Unimplemented
—
—
398h
—
Unimplemented
—
—
399h
—
Unimplemented
—
—
39Ah
—
Unimplemented
—
—
39Bh
—
Unimplemented
—
—
39Ch
—
Unimplemented
—
—
39Dh
—
Unimplemented
—
—
39Eh
—
Unimplemented
—
—
39Fh
—
Unimplemented
—
—
TABLE 2-13:
SPECIAL FUNCTION REGISTER SUMMARY (CONTINUED)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Value on all
other
Resets
Legend:
x
= unknown, u = unchanged, q = value depends on condition, - = unimplemented, read as ‘0’, r = reserved.
Shaded locations are unimplemented, read as ‘0’.
Note 1:
The upper byte of the program counter is not directly accessible. PCLATH is a holding register for the PC<14:8>, whose contents are transferred
to the upper byte of the program counter.
2:
These registers can be addressed from any bank.
3:
These registers/bits are not implemented on PIC16F1933/1936/1938/PIC16LF1933/1936/1938 devices, read as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com