Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1934-E/SP Datasheet(PDF) 80 Page - Microchip Technology

Part # PIC16F1934-E/SP
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/SP Datasheet(HTML) 80 Page - Microchip Technology

Back Button PIC16F1934-E/SP Datasheet HTML 76Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 77Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 78Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 79Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 80Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 81Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 82Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 83Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 84Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 418 page
background image
PIC16F193X/LF193X
DS41364A-page 78
Preliminary
© 2008 Microchip Technology Inc.
4.5.6
PIR2 REGISTER
The PIR2 register contains the interrupt flag bits, as
shown in Register 4-6.
Note:
Interrupt flag bits are set when an interrupt
condition occurs, regardless of the state of
its corresponding enable bit or the Global
Enable bit, GIE of the INTCON register.
User
software
should
ensure
the
appropriate interrupt flag bits are clear prior
to enabling an interrupt.
REGISTER 4-6:
PIR2: PERIPHERAL INTERRUPT REQUEST REGISTER 2
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
U-0
R/W-0/0
OSFIF
C2IF
C1IF
EEIF
BCLIF
LCDIF
—
CCP2IF
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7
OSFIF: Oscillator Fail Interrupt Flag
1
= System oscillator failed, clock input has changed to INTOSC (must be cleared in software)
0
= No oscillator failure has been detected
bit 6
C2IF: Comparator C2 Interrupt Flag
1
= An enabled edge was detected on Comparator C2 (must be cleared in software)
0
= No enabled edge was detected on Comparator C2
bit 5
C1IF: Comparator C1 Interrupt Flag
1
= An enabled edge was detected on Comparator C1 (must be cleared in software)
0
= No enabled edge was detected on Comparator C1
bit 4
EEIF: EEPROM Write Completion Interrupt Flag bit
1
= The EEPROM Write operation has completed (must be cleared in software)
0
= The EEPROM Write operation has not completed or has not been started
bit 3
BCLIF: MSSP Bus Collision Interrupt Flag bit
1
= A Bus Collision was detected (must be cleared in software)
0
= No Bus collision was detected
bit 2
LCDIF: LCD Module Interrupt Flag bit
1
= The LCD module has completed displaying a frame (must be cleared in software).
0
= The LCD module has not completed displaying a frame
bit 1
Unimplemented: Read as ‘0’
bit 0
CCP2IF: CCP2 Interrupt Flag bit
Capture Mode
1
=
A TMR1 register capture occurred (must be cleared in software)
0
=
No TMR1 register capture occurred
Compare Mode
1
=
A TMR1 register compare match occurred (must be cleared in software)
0
=
No TMR1 register compare match occurred
PWM Mode
Unused in this mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com