Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1934-E/SP Datasheet(PDF) 92 Page - Microchip Technology

Part # PIC16F1934-E/SP
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/SP Datasheet(HTML) 92 Page - Microchip Technology

Back Button PIC16F1934-E/SP Datasheet HTML 88Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 89Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 90Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 91Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 92Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 93Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 94Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 95Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 96Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 418 page
background image
PIC16F193X/LF193X
DS41364A-page 90
Preliminary
© 2008 Microchip Technology Inc.
REGISTER 6-6:
PORTB: PORTB REGISTER
R/W-x/u
R/W-x/u
R/W-x/u
R/W-x/u
R/W-x/u
R/W-x/u
R/W-x/u
R/W-x/u
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-0
RB<7:0>: PORTB I/O Pin bit
1
= Port pin is > VIH
0
= Port pin is < VIL
REGISTER 6-7:
LATB: PORTB DATA LATCH REGISTER
R/W-x/u
R/W-x/u
R/W-x/u
R/W-x/u
R/W-x/u
R/W-x/u
R/W-x/u
R/W-x/u
LATB7
LATB6
LATB5
LATB4
LATB3
LATB2
LATB1
LATB0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-0
LATB<7:0>: PORTB Output Latch Value bits(1)
Note 1:
Writes to PORTB are actually written to corresponding LATB register. Reads from PORTB register is
return of actual I/O pin values.
REGISTER 6-8:
WPUB: WEAK PULL-UP PORTB REGISTER
R/W-1/1
R/W-1/1
R/W-1/1
R/W-1/1
R/W-1/1
R/W-1/1
R/W-1/1
R/W-1/1
WPUB7
WPUB6
WPUB5
WPUB4
WPUB3
WPUB2
WPUB1
WPUB0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-0
WPUB<7:0>: Weak Pull-up Register bits
1
= Pull-up enabled
0
= Pull-up disabled
Note 1:
Global WPUEN bit of the OPTION register must be cleared for individual pull-ups to be enabled.
2:
The weak pull-up device is automatically disabled if the pin is in configured as an output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com