Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1934-E/SP Datasheet(PDF) 95 Page - Microchip Technology

Part # PIC16F1934-E/SP
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/SP Datasheet(HTML) 95 Page - Microchip Technology

Back Button PIC16F1934-E/SP Datasheet HTML 91Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 92Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 93Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 94Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 95Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 96Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 97Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 98Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 99Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 418 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS41364A-page 93
PIC16F193X/LF193X
6.4
PORTC and TRISC Registers
PORTC is a 8-bit wide, bidirectional port. The
corresponding
data
direction
register
is
TRISC
(Register 6-13). Setting a TRISC bit (= 1) will make the
corresponding PORTC pin an input (i.e., put the
corresponding output driver in a High-Impedance mode).
Clearing a TRISC bit (= 0) will make the corresponding
PORTC pin an output (i.e., enable the output driver and
put the contents of the output latch on the selected pin).
Example 6-3 shows how to initialize PORTC.
Reading the PORTC register (Register 6-11) reads the
status of the pins, whereas writing to it will write to the
PORT latch. All write operations are read-modify-write
operations. Therefore, a write to a port implies that the
port pins are read, this value is modified and then written
to the PORT data latch.
The TRISC register (Register 6-13) controls the PORTC
pin output drivers, even when they are being used as
analog inputs. The user should ensure the bits in the
TRISC register are maintained set when using them as
analog inputs. I/O pins configured as analog input always
read ‘0’.
EXAMPLE 6-3:
INITIALIZING PORTC
The location of the CCP2 function is controlled by the
CCP2SEL bit in the APFCON register (refer to
Register 6-1).
BANKSEL PORTC
;
CLRF
PORTC
;Init PORTC
BANKSEL TRISC
;
MOVLW
B‘00001100’
;Set RC<3:2> as inputs
MOVWF
TRISC
;and set RC<7:4,1:0>
;as outputs
REGISTER 6-11:
PORTC: PORTC REGISTER
R/W-x/u
R/W-x/u
R/W-x/u
R/W-x/u
R/W-x/u
R/W-x/u
R/W-x/u
R/W-x/u
RC7
RC6
RC5
RC4
RC3
RC2
RC1
RC0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-0
RC<7:0>: PORTC General Purpose I/O Pin bits
1
= Port pin is > VIH
0
= Port pin is < VIL
REGISTER 6-12:
LATC: PORTC DATA LATCH REGISTER
R/W-x/u
R/W-x/u
R/W-x/u
R/W-x/u
R/W-x/u
R/W-x/u
R/W-x/u
R/W-x/u
LATC7
LATC6
LATC5
LATC4
LATC3
LATC2
LATC1
LATC0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-0
LATC<7:0>: PORTC Output Latch Value bits(1)
Note 1:
Writes to PORTC are actually written to corresponding LATC register. Reads from PORTC register is
return of actual I/O pin values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com