Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1934-E/SP Datasheet(PDF) 70 Page - Microchip Technology

Part # PIC16F1934-E/SP
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/SP Datasheet(HTML) 70 Page - Microchip Technology

Back Button PIC16F1934-E/SP Datasheet HTML 66Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 67Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 68Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 69Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 70Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 71Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 72Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 73Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 74Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 418 page
background image
PIC16F193X/LF193X
DS41364A-page 68
Preliminary
© 2008 Microchip Technology Inc.
TABLE 3-7:
RESET CONDITION FOR SPECIAL REGISTERS(2)
TABLE 3-8:
SUMMARY OF REGISTERS ASSOCIATED WITH RESETS
Condition
Program
Counter
STATUS
Register
PCON
Register
Power-on Reset
0000h
---1 1000
00-- 110x
MCLR Reset during normal operation
0000h
---u uuuu
uu-- 0uuu
MCLR Reset during Sleep
0000h
---1 0uuu
uu-- 0uuu
WDT Reset
0000h
---0 uuuu
uu-- uuuu
WDT Wake-up from Sleep
PC + 1
---0 0uuu
uu-- uuuu
Brown-out Reset
0000h
---1 1uuu
00-- 11u0
Interrupt Wake-up from Sleep
PC + 1(1)
---1 0uuu
uu-- uuuu
RESET
Instruction Executed
0000h
---u uuuu
uu-- u0uu
Stack Overflow Reset (STVREN = 1)
0000h
---u uuuu
1u-- uuuu
Stack Underflow Reset (STVREN = 1)
0000h
---u uuuu
u1-- uuuu
Legend: u = unchanged, x = unknown, - = unimplemented bit, reads as ‘0’.
Note 1:
When the wake-up is due to an interrupt and Global Interrupt Enable bit, GIE, is set, the PC is loaded with
the interrupt vector (0004h) after execution of PC + 1.
2:
If a Status bit is not implemented, that bit will be read as ‘0’.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
BORCON
SBOREN
—
—
—
—
—
—
BORRDY
63
PCON
STKOVF
STKUNF
—
—RMCLR
RI
POR
BOR
65
STATUS
—
—
—TO
PD
Z
DC
C50
WDTCON
—
—
WDTPS4
WDTPS3
WDTPS2
WDTPS1
WDTPS0
SWDTEN
61
Legend: u = unchanged, x = unknown, - = unimplemented bit, reads as ‘0’, q = value depends on condition.
Shaded cells are not used by Resets.
Note 1:
Other (non Power-up) Resets include MCLR Reset and Watchdog Timer Reset during normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com