Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1934-E/SP Datasheet(PDF) 47 Page - Microchip Technology

Part # PIC16F1934-E/SP
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/SP Datasheet(HTML) 47 Page - Microchip Technology

Back Button PIC16F1934-E/SP Datasheet HTML 43Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 44Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 45Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 46Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 47Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 48Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 49Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 50Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 418 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS41364A-page 45
PIC16F193X/LF193X
Bank 15
780h(2)
INDF0
Addressing this location uses contents of FSR0H/FSR0L to address data memory
(not a physical register)
xxxx xxxx xxxx xxxx
781h(2)
INDF1
Addressing this location uses contents of FSR1H/FSR1L to address data memory
(not a physical register)
xxxx xxxx xxxx xxxx
782h(2)
PCL
Program Counter (PC) Least Significant Byte
0000 0000 0000 0000
783h(2)
STATUS
—
—
—TO
PD
ZDC
C
---1 1000 ---q quuu
784h(2)
FSR0L
Indirect Data Memory Address 0 Low Pointer
0000 0000 uuuu uuuu
785h(2)
FSR0H
Indirect Data Memory Address 0 High Pointer
0000 0000 0000 0000
786h(2)
FSR1L
Indirect Data Memory Address 1 Low Pointer
0000 0000 uuuu uuuu
787h(2)
FSR1H
Indirect Data Memory Address 1 High Pointer
0000 0000 0000 0000
788h(2)
BSR
—
—
—
BSR4
BSR3
BSR2
BSR1
BSR0
---0 0000 ---0 0000
789h(2)
WREG
Working Register
0000 0000 uuuu uuuu
78Ah(1, 2) PCLATH
—
Write Buffer for the upper 7 bits of the Program Counter
-000 0000 -000 0000
78Bh(2)
INTCON
GIE
PEIE
TMR0IE
INTE
IOCIE
TMR0IF
INTF
IOCIF
0000 000x 0000 000u
78Ch
—
Unimplemented
—
—
78Dh
—
Unimplemented
—
—
78Eh
—
Unimplemented
—
—
78Fh
—
Unimplemented
—
—
790h
—
Unimplemented
—
—
791h
LCDCON
LCDEN
SLPEN
WERR
—
CS1
CS0
LMUX1
LMUX0
000- 0011 000- 0011
792h
LCDPS
WFT
BIASMD
LCDA
WA
LP3
LP2
LP1
LP0
0000 0000 0000 0000
793h
LCDREF
LCDIRE
LCDIRS
LCDIRI
—
VLCD3PE
VLCD2PE VLCD1PE
—
000- 000- 000- 000-
794h
LCDCST
—
—
—
—
—
LCDCST2 LCDCST1 LCDCST0 ---- -000 ---- -000
795h
LCDRL
LRLAP1
LRLAP0
LRLBP1
LRLBP0
—
LRLAT2
LRLAT1
LRLAT0
0000 -000 0000 -000
796h
—
Unimplemented
—
—
797h
—
Unimplemented
—
—
798h
LCDSE0
SE7
SE6
SE5
SE4
SE3
SE2
SE1
SE0
0000 0000 uuuu uuuu
799h
LCDSE1
SE15
SE14
SE13
SE12
SE11
SE10
SE9
SE8
0000 0000 uuuu uuuu
79Ah
LCDSE2(3)
SE23
SE22
SE21
SE20
SE19
SE18
SE17
SE16
0000 0000 uuuu uuuu
79Bh
—
Unimplemented
—
—
79Ch
—
Unimplemented
—
—
79Dh
—
Unimplemented
—
—
79Eh
—
Unimplemented
—
—
79Fh
—
Unimplemented
—
—
7A0h
LCDDATA0
SEG7
COM0
SEG6
COM0
SEG5
COM0
SEG4
COM0
SEG3
COM0
SEG2
COM0
SEG1
COM0
SEG0
COM0
xxxx xxxx uuuu uuuu
7A1h
LCDDATA1
SEG15
COM0
SEG14
COM0
SEG13
COM0
SEG12
COM0
SEG11
COM0
SEG10
COM0
SEG9
COM0
SEG8
COM0
xxxx xxxx uuuu uuuu
7A2h
LCDDATA2(3)
SEG23
COM0
SEG22
COM0
SEG21
COM0
SEG20
COM0
SEG19
COM0
SEG18
COM0
SEG17
COM0
SEG16
COM0
xxxx xxxx uuuu uuuu
7A3h
LCDDATA3
SEG7
COM1
SEG6
COM1
SEG5
COM1
SEG4
COM1
SEG3
COM1
SEG2
COM1
SEG1
COM1
SEG0
COM1
xxxx xxxx uuuu uuuu
7A4h
LCDDATA4
SEG15
COM1
SEG14
COM1
SEG13
COM1
SEG12
COM1
SEG11
COM1
SEG10
COM1
SEG9
COM1
SEG8
COM1
xxxx xxxx uuuu uuuu
7A5h
LCDDATA5(3)
SEG23
COM1
SEG22
COM1
SEG21
COM1
SEG20
COM1
SEG19
COM1
SEG18
COM1
SEG17
COM1
SEG16
COM1
xxxx xxxx uuuu uuuu
TABLE 2-13:
SPECIAL FUNCTION REGISTER SUMMARY (CONTINUED)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Value on all
other
Resets
Legend:
x
= unknown, u = unchanged, q = value depends on condition, - = unimplemented, read as ‘0’, r = reserved.
Shaded locations are unimplemented, read as ‘0’.
Note 1:
The upper byte of the program counter is not directly accessible. PCLATH is a holding register for the PC<14:8>, whose contents are transferred
to the upper byte of the program counter.
2:
These registers can be addressed from any bank.
3:
These registers/bits are not implemented on PIC16F1933/1936/1938/PIC16LF1933/1936/1938 devices, read as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com