Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1934-E/SP Datasheet(PDF) 87 Page - Microchip Technology

Part # PIC16F1934-E/SP
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/SP Datasheet(HTML) 87 Page - Microchip Technology

Back Button PIC16F1934-E/SP Datasheet HTML 83Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 84Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 85Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 86Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 87Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 88Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 89Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 90Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 91Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 418 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS41364A-page 85
PIC16F193X/LF193X
6.2
PORTA Registers
PORTA is a 8-bit wide, bidirectional port. The
corresponding
data
direction
register
is
TRISA
(Register 6-4). Setting a TRISA bit (= 1) will make the
corresponding PORTA pin an input (i.e., disable the
output driver). Clearing a TRISA bit (= 0) will make the
corresponding PORTA pin an output (i.e., enables
output driver and puts the contents of the output latch
on the selected pin). Example 6-1 shows how to
initialize PORTA.
Reading the PORTA register (Register 6-2) reads the
status of the pins, whereas writing to it will write to the
PORT latch. All write operations are read-modify-write
operations. Therefore, a write to a port implies that the
port pins are read, this value is modified and then
written to the PORT data latch (LATA).
The TRISA register (Register 6-4) controls the PORTA
pin output drivers, even when they are being used as
analog inputs. The user should ensure the bits in the
TRISA register are maintained set when using them as
analog inputs. I/O pins configured as analog input
always read ‘0’.
EXAMPLE 6-1:
INITIALIZING PORTA
Note:
The ANSELA register must be initialized to
configure an analog channel as a digital
input. Pins configured as analog inputs will
read ‘0’.
BANKSEL PORTA
;
CLRF
PORTA
;Init PORTA
BANKSEL LATA
;Data Latch
CLRF
LATA
;
BANKSEL ANSELA
;
CLRF
ANSELA
;digital I/O
BANKSEL TRISA
;
MOVLW
0Ch
;Set RA<3:2> as inputs
MOVWF
TRISA
;and set RA<7:4,1:0>
;as outputs
REGISTER 6-2:
PORTA: PORTA REGISTER
R/W-x/u
R/W-x/u
R/W-x/u
R/W-x/u
R/W-x/u
R/W-x/u
R/W-x/u
R/W-x/u
RA7
RA6
RA5
RA4
RA3
RA2
RA1
RA0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-0
RA<7:0>: PORTA I/O Value bits(1)
Note 1:
Writes to PORTA are actually written to corresponding LATA register. Reads from PORTA register is return
of actual I/O pin values.
REGISTER 6-3:
LATA: PORTA DATA LATCH REGISTER
R/W-x/u
R/W-x/u
R/W-x/u
R/W-x/u
R/W-x/u
R/W-x/u
R/W-x/u
R/W-x/u
LATA7
LATA6
LATA5
LATA4
LATA3
LATA2
LATA1
LATA0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-0
LATA<7:0>: PORTA Output Latch Value bits(1)
Note 1:
Writes to PORTA are actually written to corresponding LATA register. Reads from PORTA register is return
of actual I/O pin values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com