Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1934-E/SP Datasheet(PDF) 103 Page - Microchip Technology

Part # PIC16F1934-E/SP
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/SP Datasheet(HTML) 103 Page - Microchip Technology

Back Button PIC16F1934-E/SP Datasheet HTML 99Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 100Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 101Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 102Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 103Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 104Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 105Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 106Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 107Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 418 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS41364A-page 101
PIC16F193X/LF193X
6.6.1
ANSELE REGISTER
The ANSELE register (Register 6-22) is used to
configure the Input mode of an I/O pin to analog.
Setting the appropriate ANSELE bit high will cause all
digital reads on the pin to be read as ‘0’ and allow
analog functions on the pin to operate correctly.
The state of the ANSELE bits has no affect on digital
output functions. A pin with TRIS clear and ANSEL set
will still operate as a digital output, but the Input mode
will be analog. This can cause unexpected behavior
when executing read-modify-write instructions on the
affected port.
The TRISE register (Register 6-21) controls the PORTE
pin output drivers, even when they are being used as
analog inputs. The user should ensure the bits in the
TRISE register are maintained set when using them as
analog inputs. I/O pins configured as analog input always
read ‘0’.
Note:
The ANSELE register must be initialized to
configure an analog channel as a digital
input. Pins configured as analog inputs will
read ‘0’.
REGISTER 6-21:
TRISE: PORTE TRI-STATE REGISTER
U-0
U-0
U-0
U-0
R-1
R/W-1
R/W-1
R/W-1
—
—
—
—
TRISE3
TRISE2(1)
TRISE1(1)
TRISE0(1)
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-4
Unimplemented: Read as ‘0’
bit 3
TRISE3: RE3 Port Tri-state Control bit
This bit is always ‘1’ as RE3 is an input only
bit 2-0
TRISE<2:0>: RE<2:0> Tri-State Control bits(1)
1
= PORTE pin configured as an input (tri-stated)
0
= PORTE pin configured as an output
Note
1:
TRISE<2:0> are not implemented on the PIC16F1933/1936/1938/PIC16LF1933/1936/1938. Read as ‘0’.
REGISTER 6-22:
ANSELE: PORTE ANALOG SELECT REGISTER
U-0
U-0
U-0
U-0
U-0
R/W-1
R/W-1
R/W-1
—
—
—
—
—
ANSE2(2)
ANSE1(2)
ANSE0(2)
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-3
Unimplemented: Read as ‘0’
bit 2-0
ANSE<2:0>: Analog Select between Analog or Digital Function on Pins RE<2:0>, respectively
0
= Digital I/O. Pin is assigned to port or digital special function.
1
= Analog input. Pin is assigned as analog input(1). Digital input buffer disabled.
Note
1:
When setting a pin to an analog input, the corresponding TRIS bit must be set to Input mode in order to allow external
control of the voltage on the pin.
2:
ANSELE register is not implemented on the PIC16F1933/1936/1938/PIC16LF1933/1936/1938. Read as ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com