Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1934-E/SP Datasheet(PDF) 110 Page - Microchip Technology

Part # PIC16F1934-E/SP
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/SP Datasheet(HTML) 110 Page - Microchip Technology

Back Button PIC16F1934-E/SP Datasheet HTML 106Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 107Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 108Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 109Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 110Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 111Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 112Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 113Page - Microchip Technology PIC16F1934-E/SP Datasheet HTML 114Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 418 page
background image
PIC16F193X/LF193X
DS41364A-page 108
Preliminary
© 2008 Microchip Technology Inc.
8.2
Oscillator Control
The Oscillator Control (OSCCON) register (Figure 8-1)
controls the system clock and frequency selection
options. The OSCCON register contains the following
bits:
• Frequency selection bits (IRCF)
• System clock select bits (SCS)
• Software PLL enable bit (SPLLEN)
REGISTER 8-1:
OSCCON: OSCILLATOR CONTROL REGISTER
R/W-0/0
R/W-0/0
R/W-1/1
R/W-1/1
R/W-1/1
U-0
R/W-0/0
R/W-0/0
SPLLEN
IRCF3
IRCF2
IRCF1
IRCF0
—
SCS1
SCS0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7
SPLLEN: Software PLL Enable bit
If PLLEN = 1:
SPLLEN bit is ignored. 4x PLL is always enabled (subject to oscillator requirements)
If PLLEN = 0:
1
= 4x PLL Is enabled
0 = 4x PLL is disabled
bit 6-3
IRCF<3:0>: Internal Oscillator Frequency Select bits
000x
=31 kHz LF
0010
= 31.25 kHz MF
0011
= 31.25 kHz HF(2)
0100
= 62.5 kHz MF
0101
= 125 kHz MF
0110
= 250 kHz MF
0111
= 500 kHz MF (default upon Reset)
1000
= 125 kHz HF(2)
1001
= 250 kHz HF(2)
1010
= 500 kHz HF(2)
1011
=1 MHz HF
1100
=2 MHz HF
1101
=4 MHz HF
1110
=8 MHz HF
1111
= 16 MHz HF
bit 2
Unimplemented: Read as ‘0’
bit 1-0
SCS<1:0>: System Clock Select bits
1x
= Internal oscillator block
01
= Timer1 oscillator
00
= Clock determined by CONFIG1[FOSC<2:0>].
Note
1:
Reset state depends on state of the IESO Configuration bit.
2:
Duplicate frequency derived from HFINTOSC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com