| Electronic Components Datasheet Search |
|
SPMCK16Z4MPV20 Datasheet(PDF) 102 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SPMCK16Z4MPV20 Datasheet(HTML) 102 Page - Freescale Semiconductor, Inc |
|
102 / 500 page ![]() CENTRAL PROCESSING UNIT M68HC16 Z SERIES 4-42 USER’S MANUAL Breakpoints on instructions that are flushed from the pipeline before execution are not acknowledged. Operand breakpoints are always acknowledged. There is no break- point acknowledge bus cycle when BDM is entered. Refer to 5.6.4.1 Breakpoint Ac- knowledge Cycle for more information about breakpoints. 4.14.3 Opcode Tracking and Breakpoints Breakpoints are acknowledged after a tagged instruction has executed, that is, when the instruction is copied from pipeline stage B to stage C. Stage C contains the opcode of the previous instruction when execution of the current instruction begins. When an instruction is tagged, IPIPE0/IPIPE1 reflect the start of execution and the ap- propriate number of pipeline advances and operand fetches before the breakpoint is acknowledged. If background debug mode is enabled, these signals model the pipe- line before BDM is entered. 4.14.4 Background Debug Mode Microprocessor debugging programs are generally implemented in external software. CPU16 BDM provides a debugger implemented in CPU microcode. BDM incorporates a full set of debug options. Registers can be viewed and altered, memory can be read or written, and test features can be invoked. BDM is an alternate CPU16 operating mode. While the CPU16 is in BDM, normal instruction execution is suspended, and special microcode performs debugging functions under external control. While in BDM, the CPU16 ceases to fetch instructions through the data bus and communicates with the development system through a dedicated serial interface. 4.14.4.1 Enabling BDM The CPU16 samples the BKPT input during reset to determine whether to enable BDM. When BKPT is asserted at the rising edge of the RESET signal, BDM operation is enabled. BDM remains enabled until the next system reset. If BKPT is at logic level one on the trailing edge of RESET, BDM is disabled. BKPT is relatched on each rising transition of RESET. BKPT is synchronized internally and must be asserted for at least two clock cycles before negation of RESET. 4.14.4.2 BDM Sources When BDM is enabled, external breakpoint hardware and the BGND instruction can cause the CPU16 to enter BDM. If BDM is not enabled when a breakpoint occurs, a breakpoint exception is processed. 4.14.4.3 Entering BDM When the CPU16 detects a breakpoint or decodes a BGND instruction when BDM is enabled, it suspends instruction execution and asserts the FREEZE signal. Once FREEZE has been asserted, the CPU16 enables the BDM serial communication hard- ware and awaits a command. Assertion of FREEZE causes opcode tracking signals IPIPE0 and IPIPE1 to change definition and become serial communication signals DSO and DSI. FREEZE is asserted at the next instruction boundary after the assertion Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |